công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PM8313 bảng dữ liệu(PDF) 25 Page - PMC-Sierra, Inc

tên linh kiện PM8313
Giải thích chi tiết về linh kiện  M13 MULTIPLEXER
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  PMC [PMC-Sierra, Inc]
Trang chủ  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM8313 bảng dữ liệu(HTML) 25 Page - PMC-Sierra, Inc

Back Button PM8313 Datasheet HTML 21Page - PMC-Sierra, Inc PM8313 Datasheet HTML 22Page - PMC-Sierra, Inc PM8313 Datasheet HTML 23Page - PMC-Sierra, Inc PM8313 Datasheet HTML 24Page - PMC-Sierra, Inc PM8313 Datasheet HTML 25Page - PMC-Sierra, Inc PM8313 Datasheet HTML 26Page - PMC-Sierra, Inc PM8313 Datasheet HTML 27Page - PMC-Sierra, Inc PM8313 Datasheet HTML 28Page - PMC-Sierra, Inc PM8313 Datasheet HTML 29Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 192 page
background image
PM8313 D3MX
DATA SHEET
PMC-920702
ISSUE 5
M13 MULTIPLEXER
15
Pin Name
Type
Pin No. Function
RODAT
Output
7
The receive data output (RODAT) signal carries
the 44.736 Mbit/s NRZ stream decoded from
the B3ZS line signal. The frame alignment
signals (RMFP, RMSFP, and ROHP) are
aligned to the RODAT stream. RODAT is
updated on the falling edge of ROCLK.
RMFP
Output
11
The receive M-frame pulse (RMFP) signal
marks the first bit (X1) in the M-frame of the
DS3 signal on RODAT. When the framer is out-
of-frame, RMFP continues to operate with
timing aligned to the old M-frame position.
When the framer regains frame alignment the
RMFP timing is updated, which may result in a
change of frame alignment. RMFP is updated
on the falling edge of ROCLK.
RMSFP
Output
16
The receive M-subframe pulse (RSMFP) signal
marks the first bit (X, P, and M) in each M-
subframe of the received DS3 stream (RODAT)
when the framer is in-frame. When the framer
is out-of-frame, RSMFP continues to operate
with timing aligned to the old M-frame position.
When the framer regains frame alignment the
RMSFP timing is updated, which may result in
a change of frame alignment. RSMFP is
updated on the falling edge of ROCLK.
ROHP
Output
12
The receive overhead pulse (ROHP) signal
marks the overhead bit positions (X, P, M, C,
and F) in the received DS3 stream (RODAT)
when the framer is in-frame. When the framer
is out-of-frame, ROHP continues to operate
with timing aligned to the old M-frame position.
When the framer regains frame alignment the
ROHP timing is updated, which may result in a
change of frame alignment. ROHP is updated
on the falling edge of ROCLK.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com