công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

CS5376A bảng dữ liệu(PDF) 26 Page - Cirrus Logic

tên linh kiện CS5376A
Giải thích chi tiết về linh kiện  LOW POWER MULTI CHANNEL DECIMATION FILTER
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  CIRRUS [Cirrus Logic]
Trang chủ  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5376A bảng dữ liệu(HTML) 26 Page - Cirrus Logic

Back Button CS5376A Datasheet HTML 22Page - Cirrus Logic CS5376A Datasheet HTML 23Page - Cirrus Logic CS5376A Datasheet HTML 24Page - Cirrus Logic CS5376A Datasheet HTML 25Page - Cirrus Logic CS5376A Datasheet HTML 26Page - Cirrus Logic CS5376A Datasheet HTML 27Page - Cirrus Logic CS5376A Datasheet HTML 28Page - Cirrus Logic CS5376A Datasheet HTML 29Page - Cirrus Logic CS5376A Datasheet HTML 30Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 107 page
background image
CS5376A
26
8. CONFIGURATION BY EEPROM
After reset, the CS5376A reads the state of the
BOOT pin to determine a source for configuration
commands. If BOOT is high, the CS5376A ini-
tiates serial transactions through the SPI 1 port to
read configuration information from an external
EEPROM.
8.1 Pin Descriptions
Pins required for EEPROM boot are listed here,
other SPI 1 pins are inactive.
GPIO11:EECS - Pin 46
EEPROM chip select output, active low.
SCK1 - Pin 48
Serial clock output, nominally 1.024 MHz.
MOSI - Pin 51
Serial data output pin. Valid on rising edge of
SCK1, transition on falling edge.
MISO - Pin 50
Serial data input pin. Valid on rising edge of SCK1,
transition on falling edge.
8.2 EEPROM Hardware Interface
When booting from EEPROM the CS5376A SPI 1
port actively performs serial transactions, as shown
in Figure 15, to read configuration commands and
data. 8-bit SPI opcodes and 16-bit addresses are
combined to read back 8-bit configuration com-
mands and 24-bit configuration data.
System design should include a connection to the
configuration EEPROM for in-circuit reprogram-
ming. The CS5376A SPI 1 pins tri-state when inac-
tive to support external connections to the serial
bus.
8.3 EEPROM Organization
The boot EEPROM holds the 8-bit commands and
24-bit data required to initialize the CS5376A into
an operational state. Configuration information
starts at memory location 0x10, with addresses
0x00 to 0x0F free for use as manufacturing header
information.
The first serial transaction reads a 1-byte command
from memory location 0x10 and then, depending
on the command type, reads multiple 3-byte data
words to complete the command. Command and
data reads continue until the ‘Filter Start’ command
is recognized.
The maximum number of bytes that can be written
for a single configuration is approximately
GPIO11:EECS
SCK1
MISO
MOSI
CS5376A
AT25640
CS
SCK
SI
SO
46
48
50
51
1
6
2
5
VD
GND
WP
VCC HOLD
387
4
Figure 14. EEPROM Configuration Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com