công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

CS5376A bảng dữ liệu(PDF) 62 Page - Cirrus Logic

tên linh kiện CS5376A
Giải thích chi tiết về linh kiện  LOW POWER MULTI CHANNEL DECIMATION FILTER
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  CIRRUS [Cirrus Logic]
Trang chủ  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5376A bảng dữ liệu(HTML) 62 Page - Cirrus Logic

Back Button CS5376A Datasheet HTML 58Page - Cirrus Logic CS5376A Datasheet HTML 59Page - Cirrus Logic CS5376A Datasheet HTML 60Page - Cirrus Logic CS5376A Datasheet HTML 61Page - Cirrus Logic CS5376A Datasheet HTML 62Page - Cirrus Logic CS5376A Datasheet HTML 63Page - Cirrus Logic CS5376A Datasheet HTML 64Page - Cirrus Logic CS5376A Datasheet HTML 65Page - Cirrus Logic CS5376A Datasheet HTML 66Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 107 page
background image
CS5376A
62
for one output sample in all channels. The TIME-
BRK digital filter register (0x29) programs the
sample delay for the TB bit output. See “Time
Break Controller” on page 68 for more information
about time break.
FIFO Overflow Bit - W
The FIFO overflow bit indicates an error condition
in the SD port data FIFO, and is set if new digital
filter data overwrites a FIFO location containing
data which has not yet been sent.
The W bit is sticky, meaning it persists indefinitely
once set. Clearing the W bit requires sending the
‘Filter Stop’ and ‘Filter Start’ configuration com-
mands to reinitialize the data FIFO.
Conversion Data Word
The lower 24-bits of the SD port output data word
is the conversion sample for the specified channel.
Conversion data is 24-bit two’s complement for-
mat.
16.3 SD Port Transactions
The SD port can operate in two modes depending
how the SDTKI pin is connected: request mode
where data is output when requested by the com-
munications channel, or continuous mode where
data is output immediately when ready.
16.3.1 Request Mode
To initiate SD port transactions on request, SDTKI
is connected to an active high polling signal from
the communications channel. A rising edge into
SDTKI when new data is available in the SD port
FIFO causes the CS5376A to initiate an SD port
transaction by driving SDRDY low. If data is not
yet available in the SD port FIFO, the SDTKI sig-
nal is passed through to the SDTKO output.
Once an SD port transaction is initiated, serial
clocks into SDCLK cause data to be output to
SDDAT, as shown in Figure 35. When all available
Data
Status
0
23
31
--
MFLAG
CH[1]
CH[0]
W
31
29
30
28
27
26
25
24
Figure 34. SD Port Data Format
TB
--
Word 1
Word 4
Word 2
Word 3
Status
Data
128 bits
--
00 - Channel 1
01 - Channel 2
10 - Channel 3
11 - Channel 4
0 - Modulator Ok
1 - Modulator Error
0 - No Time Break
1 - Time Break
0 - FIFO Ok
1 - FIFO Overflow



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com