công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

CS5376A bảng dữ liệu(PDF) 65 Page - Cirrus Logic

tên linh kiện CS5376A
Giải thích chi tiết về linh kiện  LOW POWER MULTI CHANNEL DECIMATION FILTER
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  CIRRUS [Cirrus Logic]
Trang chủ  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5376A bảng dữ liệu(HTML) 65 Page - Cirrus Logic

Back Button CS5376A Datasheet HTML 61Page - Cirrus Logic CS5376A Datasheet HTML 62Page - Cirrus Logic CS5376A Datasheet HTML 63Page - Cirrus Logic CS5376A Datasheet HTML 64Page - Cirrus Logic CS5376A Datasheet HTML 65Page - Cirrus Logic CS5376A Datasheet HTML 66Page - Cirrus Logic CS5376A Datasheet HTML 67Page - Cirrus Logic CS5376A Datasheet HTML 68Page - Cirrus Logic CS5376A Datasheet HTML 69Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 107 page
background image
CS5376A
65
Clock Delay - CDLY[2:0]
Programs a fractional delay for TBSCLK with a 1/8
clock period resolution.
Loopback - LOOP
Enables digital loopback from the TBS output to
the MDATA inputs.
Run - RUN
Enables the test bit stream generator.
Data Delay - DDLY[5:0]
Programs full period delays for TBSDATA, up to a
maximum of 63 bits.
Gain - TBSGAIN[23:0]
Scales the amplitude of the sine wave output and
generated impulse. Maximum 0x04FFFF, nominal
0x04B000.
17.4 TBS Data Source
Data to create test signals is loaded into digital fil-
ter memory by configuration commands. The on-
chip sine wave data is suitable for most tests,
though custom data is required to support custom
signal frequencies. See “EEPROM Configuration
Commands” on page 28 or “Microcontroller Con-
figuration Commands” on page 35 for information
about programming TBS data.
TBS ROM Data
An on-chip 24-bit 1024 point digital sine wave is
stored on the CS5376A. When selected by the
‘Write TBS ROM Data’ configuration command,
the TBS generator can produce the test signal fre-
quencies listed in Table 16. Additional discrete test
frequencies and output rates can be programmed
with the on-chip data by varying the interpolation
factor and output rate.
Test Bit Stream Characteristic Equation:
(Signal Freq) * (# TBS Data) * (Interpolation + 1) = Output Rate
Example: (31.25 Hz) * (1024) * (0x07 + 1) = 256 kHz
Signal
Frequency
(TBSDATA)
Output
Rate
(TBSCLK)
Output Rate
Selection
(RATE)
Interpolation
Selection
(INTP)
10.00 Hz
256 kHz
0x4
0x18
10.00 Hz
512 kHz
0x5
0x31
25.00 Hz
256 kHz
0x4
0x09
25.00 Hz
512 kHz
0x5
0x13
31.25 Hz
256 kHz
0x4
0x07
31.25 Hz
512 kHz
0x5
0x0F
50.00 Hz
256 kHz
0x4
0x04
50.00 Hz
512 kHz
0x5
0x09
125.00 Hz
256 kHz
0x4
0x01
125.00 Hz
512 kHz
0x5
0x03
Table 16. TBS Configurations Using On-chip Data



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com