công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

CS5376A bảng dữ liệu(PDF) 61 Page - Cirrus Logic

tên linh kiện CS5376A
Giải thích chi tiết về linh kiện  LOW POWER MULTI CHANNEL DECIMATION FILTER
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  CIRRUS [Cirrus Logic]
Trang chủ  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5376A bảng dữ liệu(HTML) 61 Page - Cirrus Logic

Back Button CS5376A Datasheet HTML 57Page - Cirrus Logic CS5376A Datasheet HTML 58Page - Cirrus Logic CS5376A Datasheet HTML 59Page - Cirrus Logic CS5376A Datasheet HTML 60Page - Cirrus Logic CS5376A Datasheet HTML 61Page - Cirrus Logic CS5376A Datasheet HTML 62Page - Cirrus Logic CS5376A Datasheet HTML 63Page - Cirrus Logic CS5376A Datasheet HTML 64Page - Cirrus Logic CS5376A Datasheet HTML 65Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 107 page
background image
CS5376A
61
16. SERIAL DATA PORT
Once digital filtering is complete, each 24-bit out-
put sample is combined with an 8-bit status byte.
These 32-bit data words are written to an 8-deep
FIFO buffer and then transmitted to the communi-
cations channel through a high speed serial data
port (SD port).
16.1 Pin Descriptions
SDTKI - Pin 64
Token input, requests an SD port transaction.
SDRDY - Pin 61
Data ready output signal, active low. Open drain
output requiring a 10 k
Ω pull-up resistor.
SDCLK - Pin 62
Serial clock input.
SDDAT - Pin 60
Serial data output. Data valid on rising edge of
SDCLK, transition on falling edge.
SDTKO - Pin 63
Token output, ends an SD port transaction. Passes
through the SDTKI signal when no data is available
in the SD port output FIFO.
16.2 SD Port Data Format
Serial data transactions transfer 32-bit words. Each
word consists of an 8-bit status byte followed by a
24-bit output sample. The status byte, shown in
Figure 34, has an MFLAG bit, channel bits, a time
break bit, and a FIFO overflow bit.
MFLAG Bit - MFLAG
The MFLAG bit is set when an MFLAG signal is
received on the MFLAG1-MFLAG4 pins. When
received, that channel MFLAG bit is set in the next
output word. See “Modulator Interface” on page 39
for more information about MFLAG.
Channel Bits - CH[1:0]
Channel bits indicate from which conversion chan-
nel the data word is from. The channel number,
CH[1:0], is zero based.
CH[1:0] = 00 = Channel 1
CH[1:0] = 01 = Channel 2
CH[1:0] = 10 = Channel 3
CH[1:0] = 11 = Channel 4
Time Break Bit - TB
The time break bit marks a timing reference based
on a rising edge into the TIMEB pin. After a pro-
grammed delay, the TB bit in the status byte is set
CS5376A
SDTKI
SDTKO
Figure 33. Serial Data Port Block Diagram
System Telemetry
SDDAT
SDRDY
SDCLK
Token Out
Token In
Data Ready
Data In
Clock Out



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com