công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TMS28F800AST bảng dữ liệu(PDF) 11 Page - Texas Instruments

tên linh kiện TMS28F800AST
Giải thích chi tiết về linh kiện  AUTO-SELECT BOOT-BLOCK FLASH MEMORIES
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

TMS28F800AST bảng dữ liệu(HTML) 11 Page - Texas Instruments

Back Button TMS28F800AST Datasheet HTML 7Page - Texas Instruments TMS28F800AST Datasheet HTML 8Page - Texas Instruments TMS28F800AST Datasheet HTML 9Page - Texas Instruments TMS28F800AST Datasheet HTML 10Page - Texas Instruments TMS28F800AST Datasheet HTML 11Page - Texas Instruments TMS28F800AST Datasheet HTML 12Page - Texas Instruments TMS28F800AST Datasheet HTML 13Page - Texas Instruments TMS28F800AST Datasheet HTML 14Page - Texas Instruments TMS28F800AST Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 52 page
background image
TMS28F008Axy,TMS28F800Axy
1048576 BY 8BIT/524288 BY 16BIT
AUTOSELECT BOOT BLOCK FLASH MEMORIES
SMJS851A − NOVEMBER 1997 − REVISED MARCH 1998
11
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251−1443
block memory maps (continued)
FFFFFh
FC000h
FBFFFh
FA000h
F9FFFh
F8000h
F7FFFh
E0000h
DFFFFh
C0000h
BFFFFh
A0000h
9FFFFh
80000h
7FFFFh
60000h
5FFFFh
40000h
3FFFFh
20000h
1FFFFh
00000h
Address
Range
Boot Block
16K Addresses
Parameter Block
8K Addresses
Parameter Block
8K Addresses
Main Block
96K Addresses
8-bit Configuration
DQ15/A −1 Is LSB Address
7FFFFh
7E000h
7DFFFh
7D000h
7CFFFh
7C000h
7BFFFh
70000h
6FFFFh
60000h
5FFFFh
50000h
4FFFFh
40000h
3FFFFh
30000h
2FFFFh
20000h
1FFFFh
10000h
0FFFFh
00000h
Address
Range
16-bit Configuration
A0 Is LSB Address
Main Block
128K Addresses
Main Block
128K Addresses
Boot Block
8K Addresses
Parameter Block
4K Addresses
Parameter Block
4K Addresses
Main Block
48K Addresses
Main Block
64K Addresses
Main Block
128K Addresses
Main Block
128K Addresses
Main Block
128K Addresses
Main Block
128K Addresses
Main Block
128K Addresses
Main Block
64K Addresses
Main Block
64K Addresses
Main Block
64K Addresses
Main Block
64K Addresses
Main Block
64K Addresses
Main Block
64K Addresses
NOTE A: ’28F008Axy is offered in a 40-pin TSOP package, 8-bit configuration only, and A0 is the LSB address.
Figure 1. TMS28F008AxT and TMS28F800AxT ( Top Boot Block ) Memory Map



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com