công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TMS28F800AST bảng dữ liệu(PDF) 23 Page - Texas Instruments

tên linh kiện TMS28F800AST
Giải thích chi tiết về linh kiện  AUTO-SELECT BOOT-BLOCK FLASH MEMORIES
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

TMS28F800AST bảng dữ liệu(HTML) 23 Page - Texas Instruments

Back Button TMS28F800AST Datasheet HTML 19Page - Texas Instruments TMS28F800AST Datasheet HTML 20Page - Texas Instruments TMS28F800AST Datasheet HTML 21Page - Texas Instruments TMS28F800AST Datasheet HTML 22Page - Texas Instruments TMS28F800AST Datasheet HTML 23Page - Texas Instruments TMS28F800AST Datasheet HTML 24Page - Texas Instruments TMS28F800AST Datasheet HTML 25Page - Texas Instruments TMS28F800AST Datasheet HTML 26Page - Texas Instruments TMS28F800AST Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 52 page
background image
TMS28F008Axy,TMS28F800Axy
1048576 BY 8BIT/524288 BY 16BIT
AUTOSELECT BOOT BLOCK FLASH MEMORIES
SMJS851A − NOVEMBER 1997 − REVISED MARCH 1998
23
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251−1443
BUS
OPERATION
COMMAND
COMMENTS
Write
Write erase
setup
Data = 20h
Block Addr = Address
within
block to
be
erased
Write
Erase
Data = D0h
Block Addr = Address
within
block to
be
erased
Read
Status-register data.
Toggle OE or CE to
update status register
Standby
Check SB7
1 = Ready, 0 = Busy
Repeat for subsequent blocks.
Write FFh after the last block-erase operation to reset the
device to read-array mode
BUS
OPERATION
COMMAND
COMMENTS
Standby
Check SB3
1 = Detect VPP low
(see Note B)
Standby
Check SB4 and SB5
1 = Block-erase
error
Standby
Check SB5
1 = Block-erase error
(see Note C)
NOTES: A. Full status-register check can be done after each block or after a sequence of blocks.
B. SB3 must be cleared before attempting additional program/erase operations.
C. SB5 is cleared only by the clear-status-register command in cases where multiple blocks are erased before full status is checked.
Figure 5. Automated Block-Erase Flow Chart
Start
Issue Erase-Setup Command
and Block Address
Issue Block-Erase-Confirm
Command and
Block Address
Read Status-Register Bits
SB7 = 1
?
No
Full Status-Register
Check (optional)
See Note A
Yes
Block-Erase Completed
FULL STATUS-REGISTER-CHECK FLOW
SB3 = 0
?
No
Yes
VPP Range Error
SB4 = 1,
SB5 = 1
?
Yes
No
Command Sequence
Error
Block-Erase Passed
Erase
Suspend
?
Yes
No
Erase-
Suspend
Loop
SB5 = 0
?
No
Block-Erase Failed
Yes
Read Status-Register
Bits



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com