công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TMS28F800AST bảng dữ liệu(PDF) 27 Page - Texas Instruments

tên linh kiện TMS28F800AST
Giải thích chi tiết về linh kiện  AUTO-SELECT BOOT-BLOCK FLASH MEMORIES
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

TMS28F800AST bảng dữ liệu(HTML) 27 Page - Texas Instruments

Back Button TMS28F800AST Datasheet HTML 23Page - Texas Instruments TMS28F800AST Datasheet HTML 24Page - Texas Instruments TMS28F800AST Datasheet HTML 25Page - Texas Instruments TMS28F800AST Datasheet HTML 26Page - Texas Instruments TMS28F800AST Datasheet HTML 27Page - Texas Instruments TMS28F800AST Datasheet HTML 28Page - Texas Instruments TMS28F800AST Datasheet HTML 29Page - Texas Instruments TMS28F800AST Datasheet HTML 30Page - Texas Instruments TMS28F800AST Datasheet HTML 31Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 52 page
background image
TMS28F008Axy,TMS28F800Axy
1048576 BY 8BIT/524288 BY 16BIT
AUTOSELECT BOOT BLOCK FLASH MEMORIES
SMJS851A − NOVEMBER 1997 − REVISED MARCH 1998
27
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251−1443
recommended operating conditions
MIN
NOM
MAX
UNIT
3 VCC
2.7
3
3.6
VCC
Supply voltage
During write/read/erase/erase suspend
3.3 VCC
3
3.3
3.6
V
VCC
Supply voltage
During write/read/erase/erase suspend
5 VCC
4.5
5
5.5
V
During read only (VPPL)
0
6.5
V
VPP
Supply voltage
During write/erase/erase suspend, VPP can have VCC
3 VPP
3.0
3.3
3.6
VPP
Supply voltage
During write/erase/erase suspend, VPP can have VCC
as MIN or NOM
5 VPP
4.5
5
5.5
V
as MIN or NOM
12 VPP
11.4
12
12.6
V
VIH
High-level dc input voltage
TTL
2
VCC + 0.5
V
VIH
High-level dc input voltage
CMOS
VCC − 0.2
VCC + 0.2
V
VIL
Low-level dc input voltage
TTL
− 0.5
0.8
V
VIL
Low-level dc input voltage
CMOS
VSS − 0.2
VSS + 0.2
V
VLKO
VCC lock-out voltage from write/erase (see Note 7)
1.2
V
VHH
RP unlock voltage
11.4
12
13
V
VPPLK VPP lock-out voltage from write/erase (see Note 7)
0
1.5
V
TA
Ambient temperature during read/erase/program:
L Suffix
0
70
°C
TA
Ambient temperature during read/erase/program:
E Suffix
−40
85
°C
NOTE 7: Typical values shown are at TA = 25°C.
word/byte typical write and block-erase performance (see Notes 7 and 8)
MIN
TYP
MAX
UNIT
Main-block erase time
2.4
s
Main-block byte-program time
1.7
s
Main-block word-program time
1.1
s
Parameter/ boot-block erase time
0.84
s
NOTES:
7. Typical values shown are at TA = 25°C.
8. Excludes system-level overhead (all times in seconds)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com