công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TMS28F800AST bảng dữ liệu(PDF) 21 Page - Texas Instruments

tên linh kiện TMS28F800AST
Giải thích chi tiết về linh kiện  AUTO-SELECT BOOT-BLOCK FLASH MEMORIES
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

TMS28F800AST bảng dữ liệu(HTML) 21 Page - Texas Instruments

Back Button TMS28F800AST Datasheet HTML 17Page - Texas Instruments TMS28F800AST Datasheet HTML 18Page - Texas Instruments TMS28F800AST Datasheet HTML 19Page - Texas Instruments TMS28F800AST Datasheet HTML 20Page - Texas Instruments TMS28F800AST Datasheet HTML 21Page - Texas Instruments TMS28F800AST Datasheet HTML 22Page - Texas Instruments TMS28F800AST Datasheet HTML 23Page - Texas Instruments TMS28F800AST Datasheet HTML 24Page - Texas Instruments TMS28F800AST Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 52 page
background image
TMS28F008Axy,TMS28F800Axy
1048576 BY 8BIT/524288 BY 16BIT
AUTOSELECT BOOT BLOCK FLASH MEMORIES
SMJS851A − NOVEMBER 1997 − REVISED MARCH 1998
21
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251−1443
BUS
OPERATION
COMMAND
COMMENTS
Write
Write
program
setup
Data = 40h or 10h
Addr = Address of
byte to be
programmed
Write
Write data
Data = Byte to be
programmed
Addr = Address of
byte to be
programmed
Read
Status-register data.
Toggle OE or CE to up-
date status register
Standby
Check SB7
1 = Ready, 0 = Busy
Repeat for subsequent bytes.
Write FFh after the last byte-programming operation to
reset the device to read-array mode
BUS
OPERATION
COMMAND
COMMENTS
Standby
Check SB3
1 = Detect VPP low
(see Note B)
Standby
Check SB4
1 = Byte-program error
(see Note C)
NOTES: A. Full status-register check can be done after each byte or after a sequence of bytes.
B. SB3 must be cleared before attempting additional program/erase operations.
C. SB4 is cleared only by the clear-status-register command, but it does not prevent additional program operation attempts.
Figure 3. Automated Byte-Programming Flow Chart
Start
Issue Program-Setup
Command and Byte Address
Issue Byte
Address/Data
SB7 = 1
?
No
Full Status-Register
Check (optional)
See Note A
Yes
Byte-Program Completed
FULL STATUS-REGISTER-CHECK FLOW
Read
Status-Register Bits
SB3 = 0
?
No
Yes
VPP Range Error
SB4 = 0
?
No
Yes
Byte-Program
Failed
Byte-Program Passed
Read Status-Register
Bits



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com