công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TMS28F800AST bảng dữ liệu(PDF) 36 Page - Texas Instruments

tên linh kiện TMS28F800AST
Giải thích chi tiết về linh kiện  AUTO-SELECT BOOT-BLOCK FLASH MEMORIES
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

TMS28F800AST bảng dữ liệu(HTML) 36 Page - Texas Instruments

Back Button TMS28F800AST Datasheet HTML 32Page - Texas Instruments TMS28F800AST Datasheet HTML 33Page - Texas Instruments TMS28F800AST Datasheet HTML 34Page - Texas Instruments TMS28F800AST Datasheet HTML 35Page - Texas Instruments TMS28F800AST Datasheet HTML 36Page - Texas Instruments TMS28F800AST Datasheet HTML 37Page - Texas Instruments TMS28F800AST Datasheet HTML 38Page - Texas Instruments TMS28F800AST Datasheet HTML 39Page - Texas Instruments TMS28F800AST Datasheet HTML 40Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 52 page
background image
TMS28F008Axy,TMS28F800Axy
1048576 BY 8BIT/524288 BY 16BIT
AUTOSELECT BOOT BLOCK FLASH MEMORIES
SMJS851A − NOVEMBER 1997 − REVISED FEBRUARY 1998
36
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251−1443
timing requirements for TMS28F008AVy or ’ALy and TMS28F800AVy or ’ALy (commercial and
extended temperature ranges) (continued)
write/erase operations — CE-controlled writes
ALT.
SYMBOL
’28F008AVy 100
’28F800AVy 100
’28F008ALy100
’28F800ALy100
’28F008AVy80
’28F800AVy80
’28F008ALy80
’28F800ALy80
UNIT
MIN
MAX
MIN
MAX
tc( E )
Cycle time, write
tAVAV
100
120
ns
tc(E)OP
Cycle time, duration of programming operation
tEHQV1
6
6
µs
tc(E)ERB
Cycle time, erase operation (boot block)
tEHQV2
0.3
0.3
s
tc(E)ERP
Cycle time, erase operation (parameter block)
tEHQV3
0.3
0.3
s
tc(E)ERM
Cycle time, erase operation (main block)
tEHQV4
0.6
0.6
s
td(RPR)
Delay time, boot-block relock
tPHBR
200
200
ns
th(A)
Hold time, A0 − A18 (see Note 14)
tEHAX
0
0
ns
th(D)
Hold time, DQ valid
tEHDX
0
0
ns
th( W )
Hold time, WE
tEHWH
0
0
ns
th (VPP)
Hold time, VPP from valid status-register bit
tQVVL
0
0
ns
th(RP)
Hold time, RP at VHH from valid status-register bit
tQVPH
0
0
ns
th(WP)
Hold time, WP from valid status-register bit
tWHPL
0
0
ns
tsu(WP)
Setup time, WP before write operation
tELPH
90
100
ns
tsu(A)
Setup time, A0 − A18 (see Note 14)
tAVEH
90
100
ns
tsu(D)
Setup time, DQ
tDVEH
90
100
ns
tsu( W )
Setup time, WE before write operation
tWLEL
0
0
ns
tsu(RP)
Setup time, RP at VHH to CE going high
tPHHEH
200
100
ns
tsu( VPP)2
Setup time, VPP to CE going high
tVPEH
200
100
ns
tw(E)
Pulse duration, CE low
tELEH
90
100
ns
tw( EH)
Pulse duration, CE high
tEHEL
20
30
ns
trec(RPHE) Recovery time, RP high to CE going low
tPHEL
1.5
1.5
µs
NOTE 14: For 28F800 (8-bit configuration) A−1, A−1 −A18 with A−1 as LSB address. For 28F008 (16-bit configuration): A0−A19 with A0 as LSB
address.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com