công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TMS28F800AST bảng dữ liệu(PDF) 2 Page - Texas Instruments

tên linh kiện TMS28F800AST
Giải thích chi tiết về linh kiện  AUTO-SELECT BOOT-BLOCK FLASH MEMORIES
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

TMS28F800AST bảng dữ liệu(HTML) 2 Page - Texas Instruments

  TMS28F800AST Datasheet HTML 1Page - Texas Instruments TMS28F800AST Datasheet HTML 2Page - Texas Instruments TMS28F800AST Datasheet HTML 3Page - Texas Instruments TMS28F800AST Datasheet HTML 4Page - Texas Instruments TMS28F800AST Datasheet HTML 5Page - Texas Instruments TMS28F800AST Datasheet HTML 6Page - Texas Instruments TMS28F800AST Datasheet HTML 7Page - Texas Instruments TMS28F800AST Datasheet HTML 8Page - Texas Instruments TMS28F800AST Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 52 page
background image
TMS28F008Axy,TMS28F800Axy
1048576 BY 8BIT/524288 BY 16BIT
AUTOSELECT BOOT BLOCK FLASH MEMORIES
SMJS851A − NOVEMBER 1997 − REVISED MARCH 1998
2
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251−1443
description
2
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
device symbol nomenclature
5
. . . . . . . . . . . . . . . . . . . . . . . . . . . . .
logic symbol for TMS28F008Axy 40-pin package
6
. . . . . . . . . . .
logic symbol for TMS28F800Axy 44-pin package
7
. . . . . . . . . . .
logic symbol for TMS28F800Axy 48-pin package
8
. . . . . . . . . . .
functional block diagram
9
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
architecture
9
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
block memory maps
10
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
boot-block data protection
12
. . . . . . . . . . . . . . . . . . . . . . . . . .
parameter block
12
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
main block
12
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
data protection
13
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
command-state machine (CSM)
13
. . . . . . . . . . . . . . . . . . . . .
operation
13
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
command definition
14
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
status register
15
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
byte-wide or word-wide mode selection
16
. . . . . . . . . . . . . . .
command-state machine (CSM) operations
18
. . . . . . . . . . .
clear status register
18
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
read operations
18
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
programming operations
19
. . . . . . . . . . . . . . . . . . . . . . . . . . . .
erase operations
19
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
automatic power-saving mode
20
. . . . . . . . . . . . . . . . . . . . . . .
reset / deep power-down mode
20
. . . . . . . . . . . . . . . . . . . . . . .
absolute maximum ratings
25
. . . . . . . . . . . . . . . . . . . . . . . . . . . . .
recommended operating conditions
27
. . . . . . . . . . . . . . . . . . . . .
word/byte typical write and block-erase performance
27
. . . . . .
electrical characteristics
28
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
power-up and reset switching characteristics for
TMS28F008ASy or ’AEy and
TMS28F800ASy or ’AEy
30
. . . . . . . . . . . . . . . . . . . . . . . . . .
power-up and reset switching characteristics for
TMS28F008AVy or ’ALy and
TMS28F800AVy or ’ALy
34
. . . . . . . . . . . . . . . . . . . . . . . . . . .
power-up and reset switching characteristics for
TMS28F008AZy and TMS28F800AZy
37
. . . . . . . . . . . . . .
Parameter Measurement Information
40
. . . . . . . . . . . . . . . . . . . .
mechanical data
DBJ (R-PDSO-G44)
48
. . . . . . . . . . . . .
mechanical data
DCD (R-PDSO-G**)
49
. . . . . . . . . . . . . .
Table of Contents
description
The TMS28F800Axy is a 8 388 608-bit, boot-block flash memory that can be electrically block-erased and
reprogrammed. The TMS28F800Axy is organized in a blocked architecture consisting of:
D One 16K-byte/8K-word protected boot block
D Two 8K-byte/4K-word parameter blocks
D One 96K-byte/48K-word main block
D Seven 128K-byte/64K-word main blocks
The device can be ordered in four different voltage configurations (see Table 1). Operation as a 1024K-byte
(8-bit) or a 512K-word (16-bit) organization is user-definable.
Embedded program and block-erase functions are fully automated by the on-chip write-state machine (WSM),
simplifying these operations and relieving the system microcontroller of these secondary tasks. WSM status
can be monitored by an on-chip status register to determine progress of program/erase tasks. The device
features user-selectable block erasure.
The TMS28F800AEy configuration allows the user to perform memory reads using 2.7−3.6-V VCC and 5-V VCC
for optimum power consumption. Erasing or programming the device can be accomplished with VPP = 3 V,
5 V, or 12-V. This configuration is offered in the commercial temperature range (0
°C to 70°C) and the extended
temperature range (−40
°C to 85°C). Also, TMS28F800ASy offers VCC = 3 − 3.6 V and VCC = 5 V for optimum
power consumption. The TMS28F800ALy configuration allows performance of memory reads using
VCC = 3.0 − 3.6 V for optimum power consumption. The TMS28F800AVy configuration allows performance of
memory reads using VCC = 2.7−3.6 V for optimum power consumption.
The TMS28F800AZy configuration offers a 5-V memory read with a 3-V/5-V/12-V program and erase. This
configuration is offered in three temperature ranges: 0
°C to 70°C, − 40°C to 85°C, − 40°C to 125°C.
The TMS28F800Axy is offered in a 44-pin plastic small-outline package (PSOP) and a 48-pin thin small-outline
package (TSOP) organized as 16-bit or 8-bit.
The TMS28F008 is functionally equivalent to the ’F800 except that it is organized only as a 8-bit configuration,
and it is offered only in a 40-pin TSOP.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com