công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TMS28F800AST bảng dữ liệu(PDF) 37 Page - Texas Instruments

tên linh kiện TMS28F800AST
Giải thích chi tiết về linh kiện  AUTO-SELECT BOOT-BLOCK FLASH MEMORIES
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

TMS28F800AST bảng dữ liệu(HTML) 37 Page - Texas Instruments

Back Button TMS28F800AST Datasheet HTML 33Page - Texas Instruments TMS28F800AST Datasheet HTML 34Page - Texas Instruments TMS28F800AST Datasheet HTML 35Page - Texas Instruments TMS28F800AST Datasheet HTML 36Page - Texas Instruments TMS28F800AST Datasheet HTML 37Page - Texas Instruments TMS28F800AST Datasheet HTML 38Page - Texas Instruments TMS28F800AST Datasheet HTML 39Page - Texas Instruments TMS28F800AST Datasheet HTML 40Page - Texas Instruments TMS28F800AST Datasheet HTML 41Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 52 page
background image
TMS28F008Axy,TMS28F800Axy
1048576 BY 8BIT/524288 BY 16BIT
AUTOSELECT BOOT BLOCK FLASH MEMORIES
SMJS851A − NOVEMBER 1997 − REVISED FEBRUARY 1998
37
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251−1443
power-up and reset switching characteristics for TMS28F008AZy and TMS28F800AZy over
recommended ranges of supply voltage (commercial and extended temperature ranges)
(see Notes 10, 11, and 12)
PARAMETER
ALT.
SYMBOL
’28F008AZy 70
’28F800AZy 70
’28F008AZy 80
’28F800AZy 80
UNIT
PARAMETER
SYMBOL
MIN
MAX
MIN
MAX
UNIT
tsu(VCC)
Setup time, RP low to VCC at 4.5 V MIN or 5.5 V MAX)
(see Note 13)
tPL5V
0
0
ns
ta(DV)
Address valid to data valid
tAVQV
70
80
ns
tsu(DV)
Setup time, RP high to data valid
tPHQV
450
450
ns
th(RP5)
Hold time, VCC at 4.5 V (MIN) to RP high
t5VPH
2
2
µs
NOTES: 10. Characterization data available
11. All ac current values are RMS unless otherwise noted.
12. E and G are switched low after power up.
13. The power supply can switch low concurrently with RP going low.
switching characteristics for TMS28F008AZy and TMS28F800AZy over recommended ranges of
supply voltage (commercial and extended temperature ranges)
read operations
PARAMETER
ALT.
SYMBOL
’28F008AZy 70
’28F800AZy 70
’28F008AZy 80
’28F800AZy 80
UNIT
PARAMETER
SYMBOL
MIN
MAX
MIN
MAX
UNIT
ta(A)
Access time, from A0 − A18 (see Note 14)
tAVQV
70
80
ns
ta(E)
Access time, from CE
tELQV
70
80
ns
ta(G)
Access time, from OE
tGLQV
35
40
ns
tc(R)
Cycle time, read
tAVAV
70
80
ns
td(E)
Delay time, CE low to low-impedance output
tELQX
0
0
ns
td(G)
Delay time, OE low to low-impedance output
tGLQX
0
0
ns
tdis(E)
Disable time, CE to high-impedance output
tEHQZ
25
30
ns
tdis(G)
Disable time, OE to high-impedance output
tGHQZ
25
30
ns
th(D)
Hold time, DQ valid from A0 − A17, CE, or OE, whichever occurs
first (see Note 14)
tAXQX
0
0
ns
tsu(EB)
Setup time, BYTE from CE low
tELFL
tELFH
5
5
ns
td(RP)
Delay time, output from RP high
tPHQV
450
450
ns
tdis(BL)
Disable time, BYTE low to DQ8 − DQ15 in the high-impedance
state
tFLQZ
70
80
ns
ta(BH)
Access time, from BYTE going high
tFHQV
70
80
ns
NOTE 14: For 28F800 (8-bit configuration) A−1, A−1 −A18 with A−1 as LSB address. For 28F008 (16-bit configuration): A0−A19 with A0 as LSB
address.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com