công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TMS28F800AST bảng dữ liệu(PDF) 38 Page - Texas Instruments

tên linh kiện TMS28F800AST
Giải thích chi tiết về linh kiện  AUTO-SELECT BOOT-BLOCK FLASH MEMORIES
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

TMS28F800AST bảng dữ liệu(HTML) 38 Page - Texas Instruments

Back Button TMS28F800AST Datasheet HTML 34Page - Texas Instruments TMS28F800AST Datasheet HTML 35Page - Texas Instruments TMS28F800AST Datasheet HTML 36Page - Texas Instruments TMS28F800AST Datasheet HTML 37Page - Texas Instruments TMS28F800AST Datasheet HTML 38Page - Texas Instruments TMS28F800AST Datasheet HTML 39Page - Texas Instruments TMS28F800AST Datasheet HTML 40Page - Texas Instruments TMS28F800AST Datasheet HTML 41Page - Texas Instruments TMS28F800AST Datasheet HTML 42Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 52 page
background image
TMS28F008Axy,TMS28F800Axy
1048576 BY 8BIT/524288 BY 16BIT
AUTOSELECT BOOT BLOCK FLASH MEMORIES
SMJS851A − NOVEMBER 1997 − REVISED FEBRUARY 1998
38
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251−1443
timing requirements for TMS28F008AZy and TMS28F800AZy (commercial and extended
temperature ranges)
write/erase operations — WE-controlled writes
ALT.
’28F008AZy 70
’28F800AZy 70
’28F008AZy80
’28F800AZy80
UNIT
ALT.
SYMBOL
5 V
5 V
UNIT
SYMBOL
MIN
MAX
MIN
MAX
tc( W )
Cycle time, write
tAVAV
70
80
ns
tc( W )OP
Cycle time, duration of programming operation
tWHQV1
6
6
µs
tc( W )ERB
Cycle time, erase operation (boot block)
tWHQV2
0.3
0.3
s
tc( W )ERP
Cycle time, erase operation (parameter block)
tWHQV3
0.3
0.3
s
tc( W )ERM
Cycle time, erase operation (main block)
tWHQV4
0.6
0.6
s
td(RPR)
Delay time, boot-block relock
tPHBR
100
100
ns
th(A)
Hold time, A0 − A18 (see Note 14)
tWHAX
0
0
ns
th(D)
Hold time, DQ valid
tWHDX
0
0
ns
th(E)
Hold time, CE
tWHEH
0
0
ns
th( VPP)
Hold time, VPP from valid status-register bit
tQVVL
0
0
ns
th(RP)
Hold time, RP at VHH from valid status-register bit
tQVPH
0
0
ns
th(WP)
Hold time, WP from valid status-register bit
tWHPL
0
0
ns
tsu(WP)
Setup time, WP before write operation
tELPH
50
50
ns
tsu(A)
Setup time, A0 − A17 (see Note 14)
tAVWH
50
50
ns
tsu(D)
Setup time, DQ
tDVWH
50
50
ns
tsu(E)
Setup time, CE before write operation
tELWL
0
0
ns
tsu(RP)
Setup time, RP at VHH to WE going high
tPHHWH
100
100
ns
tsu( VPP)1
Setup time, VPP to WE going high
tVPWH
100
100
ns
tw( W )
Pulse duration, WE low
tWLWH
50
50
ns
tw( WH)
Pulse duration, WE high
tWLWL
10
30
ns
trec(RPHW)
Recovery time, RP high to WE going low
tPHWL
450
450
µs
NOTE 14: For 28F800 (8-bit configuration) A−1, A−1 −A18 with A−1 as LSB address. For 28F008 (16-bit configuration): A0−A19 with A0 as LSB
address.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com