công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TMS320C6745DPTP3 bảng dữ liệu(PDF) 145 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện TMS320C6745DPTP3
Giải thích chi tiết về linh kiện  Fixed- and Floating-Point Digital Signal Processor
PDF  227 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320C6745DPTP3 bảng dữ liệu(HTML) 145 Page - Texas Instruments

Back Button TMS320C6745DPTP3 Datasheet HTML 141Page - Texas Instruments TMS320C6745DPTP3 Datasheet HTML 142Page - Texas Instruments TMS320C6745DPTP3 Datasheet HTML 143Page - Texas Instruments TMS320C6745DPTP3 Datasheet HTML 144Page - Texas Instruments TMS320C6745DPTP3 Datasheet HTML 145Page - Texas Instruments TMS320C6745DPTP3 Datasheet HTML 146Page - Texas Instruments TMS320C6745DPTP3 Datasheet HTML 147Page - Texas Instruments TMS320C6745DPTP3 Datasheet HTML 148Page - Texas Instruments TMS320C6745DPTP3 Datasheet HTML 149Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 145 / 227 page
background image
TMS320C6745, TMS320C6747
www.ti.com
SPRS377F – SEPTEMBER 2008 – REVISED JUNE 2014
Table 6-67. Additional(1) SPI1 Slave Timings, 4-Pin Enable Option(2) (3)
No.
PARAMETER
MIN
MAX
UNIT
Polarity = 0, Phase = 0,
1.5 P -3
2.5 P + 19
from SPI1_CLK falling
Polarity = 0, Phase = 1,
Delay from final
– 0.5tc(SPC)M + 1.5 P -3
– 0.5tc(SPC)M + 2.5 P + 19
from SPI1_CLK falling
SPI1_CLK edge to
24
td(SPC_ENAH)S
ns
slave deasserting
Polarity = 1, Phase = 0,
1.5 P -3
2.5 P + 19
SPI1_ENA.
from SPI1_CLK rising
Polarity = 1, Phase = 1,
– 0.5tc(SPC)M + 1.5 P -3
– 0.5tc(SPC)M + 2.5 P + 19
from SPI1_CLK rising
(1)
These parameters are in addition to the general timings for SPI slave modes (Table 6-63).
(2)
P = SYSCLK2 period
(3)
Figure shows only Polarity = 0, Phase = 0 as an example. Table gives parameters for all four slave clocking modes.
Table 6-68. Additional(1) SPI1 Slave Timings, 4-Pin Chip Select Option(2) (3)
No.
PARAMETER
MIN
MAX
UNIT
Required delay from SPI1_SCS asserted at slave to first
25
td(SCSL_SPC)S
2P
ns
SPI1_CLK edge at slave.
Polarity = 0, Phase = 0,
0.5tc(SPC)M + P + 5
from SPI1_CLK falling
Polarity = 0, Phase = 1,
P + 5
Required delay from final
from SPI1_CLK falling
26
td(SPC_SCSH)S
SPI1_CLK edge before
ns
Polarity = 1, Phase = 0,
SPI1_SCS is deasserted.
0.5tc(SPC)M + P + 5
from SPI1_CLK rising
Polarity = 1, Phase = 1,
P + 5
from SPI1_CLK rising
Delay from master asserting SPI1_SCS to slave driving
27
tena(SCSL_SOMI)S
P + 19
ns
SPI1_SOMI valid
Delay from master deasserting SPI1_SCS to slave 3-stating
28
tdis(SCSH_SOMI)S
P + 19
ns
SPI1_SOMI
(1)
These parameters are in addition to the general timings for SPI slave modes (Table 6-63).
(2)
P = SYSCLK2 period
(3)
Figure shows only Polarity = 0, Phase = 0 as an example. Table gives parameters for all four slave clocking modes.
Table 6-69. Additional(1) SPI1 Slave Timings, 5-Pin Option(2) (3)
No.
PARAMETER
MIN
MAX
UNIT
Required delay from SPI1_SCS asserted at slave to first
25
td(SCSL_SPC)S
2P
ns
SPI1_CLK edge at slave.
Polarity = 0, Phase = 0,
0.5tc(SPC)M + P +
from SPI1_CLK falling
5
Polarity = 0, Phase = 1,
P + 5
Required delay from final SPI1_CLK
from SPI1_CLK falling
26
td(SPC_SCSH)S
edge before SPI1_SCS is
ns
Polarity = 1, Phase = 0,
0.5tc(SPC)M + P +
deasserted.
from SPI1_CLK rising
5
Polarity = 1, Phase = 1,
P + 5
from SPI1_CLK rising
Delay from master asserting SPI1_SCS to slave driving
27
tena(SCSL_SOMI)S
P + 19
ns
SPI1_SOMI valid
Delay from master deasserting SPI1_SCS to slave 3-stating
28
tdis(SCSH_SOMI)S
P + 19
ns
SPI1_SOMI
Delay from master deasserting SPI1_SCS to slave driving
29
tena(SCSL_ENA)S
19
ns
SPI1_ENA valid
(1)
These parameters are in addition to the general timings for SPI slave modes (Table 6-63).
(2)
P = SYSCLK2 period
(3)
Figure shows only Polarity = 0, Phase = 0 as an example. Table gives parameters for all four slave clocking modes.
Copyright © 2008–2014, Texas Instruments Incorporated
Peripheral Information and Electrical Specifications
145
Submit Documentation Feedback
Product Folder Links: TMS320C6745 TMS320C6747



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com