công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TMS320C6745DPTP3 bảng dữ liệu(PDF) 15 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện TMS320C6745DPTP3
Giải thích chi tiết về linh kiện  Fixed- and Floating-Point Digital Signal Processor
PDF  227 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320C6745DPTP3 bảng dữ liệu(HTML) 15 Page - Texas Instruments

Back Button TMS320C6745DPTP3 Datasheet HTML 11Page - Texas Instruments TMS320C6745DPTP3 Datasheet HTML 12Page - Texas Instruments TMS320C6745DPTP3 Datasheet HTML 13Page - Texas Instruments TMS320C6745DPTP3 Datasheet HTML 14Page - Texas Instruments TMS320C6745DPTP3 Datasheet HTML 15Page - Texas Instruments TMS320C6745DPTP3 Datasheet HTML 16Page - Texas Instruments TMS320C6745DPTP3 Datasheet HTML 17Page - Texas Instruments TMS320C6745DPTP3 Datasheet HTML 18Page - Texas Instruments TMS320C6745DPTP3 Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 227 page
background image
TMS320C6745, TMS320C6747
www.ti.com
SPRS377F – SEPTEMBER 2008 – REVISED JUNE 2014
Table 3-2. C674x Cache Registers (continued)
BYTE ADDRESS
ACRONYM
REGISTER DESCRIPTION
0x0184 4038
-
Reserved
0x0184 4040
L1DWBAR
L1D writeback base address register
0x0184 4044
L1DWWC
L1D writeback word count register
0x0184 4048
L1DIBAR
L1D invalidate base address register
0x0184 404C
L1DIWC
L1D invalidate word count register
0x0184 4050 - 0x0184 4FFF
-
Reserved
0x0184 5000
L2WB
L2 writeback all register
0x0184 5004
L2WBINV
L2 writeback invalidate all register
0x0184 5008
L2INV
L2 Global Invalidate without writeback
0x0184 500C - 0x0184 5027
-
Reserved
0x0184 5028
L1PINV
L1P Global Invalidate
0x0184 502C - 0x0184 5039
-
Reserved
0x0184 5040
L1DWB
L1D Global Writeback
0x0184 5044
L1DWBINV
L1D Global Writeback with Invalidate
0x0184 5048
L1DINV
L1D Global Invalidate without writeback
0x0184 8000 – 0x0184 80FF
MAR0 - MAR63
Reserved 0x0000 0000 – 0x3FFF FFFF
Memory Attribute Registers for EMIFA SDRAM Data (CS0)
0x0184 8100 – 0x0184 817F
MAR64 – MAR95
0x4000 0000 – 0x5FFF FFFF
Memory Attribute Registers for EMIFA Async Data (CS2)
0x0184 8180 – 0x0184 8187
MAR96 - MAR97
0x6000 0000 – 0x61FF FFFF
Memory Attribute Registers for EMIFA Async Data (CS3)
0x0184 8188 – 0x0184 818F
MAR98 – MAR99
0x6200 0000 – 0x63FF FFFF
Memory Attribute Registers for EMIFA Async Data (CS4)
0x0184 8190 – 0x0184 8197
MAR100 – MAR101
0x6400 0000 – 0x65FF FFFF
Memory Attribute Registers for EMIFA Async Data (CS5)
0x0184 8198 – 0x0184 819F
MAR102 – MAR103
0x6600 0000 – 0x67FF FFFF
0x0184 81A0 – 0x0184 81FF
MAR104 – MAR127
Reserved 0x6800 0000 – 0x7FFF FFFF
Memory Attribute Register for Shared RAM 0x8000 0000 – 0x8001 FFFF
0x0184 8200
MAR128
Reserved 0x8002 0000 – 0x81FF FFFF
0x0184 8204 – 0x0184 82FF
MAR129 – MAR191
Reserved 0x8200 0000 – 0xBFFF FFFF
Memory Attribute Registers for EMIFB SDRAM Data (CS0)
0x0184 8300 – 0x0184 837F
MAR192 – MAR223
0xC000 0000 – 0xDFFF FFFF
0x0184 8380 – 0x0184 83FF
MAR224 – MAR255
Reserved 0xE000 0000 – 0xFFFF FFFF
Table 3-3. C674x L1/L2 Memory Protection Registers
BYTE ADDRESS
ACRONYM
REGISTER DESCRIPTION
0x0184 A000
L2MPFAR
L2 memory protection fault address register
0x0184 A004
L2MPFSR
L2 memory protection fault status register
0x0184 A008
L2MPFCR
L2 memory protection fault command register
0x0184 A00C - 0x0184 A0FF
-
Reserved
0x0184 A100
L2MPLK0
L2 memory protection lock key bits [31:0]
0x0184 A104
L2MPLK1
L2 memory protection lock key bits [63:32]
0x0184 A108
L2MPLK2
L2 memory protection lock key bits [95:64]
0x0184 A10C
L2MPLK3
L2 memory protection lock key bits [127:96]
0x0184 A110
L2MPLKCMD
L2 memory protection lock key command register
0x0184 A114
L2MPLKSTAT
L2 memory protection lock key status register
0x0184 A118 - 0x0184 A1FF
-
Reserved
L2 memory protection page attribute register 0
0x0184 A200
L2MPPA0
(controls memory address 0x0080 0000 - 0x0080 1FFF)
Copyright © 2008–2014, Texas Instruments Incorporated
Device Overview
15
Submit Documentation Feedback
Product Folder Links: TMS320C6745 TMS320C6747



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com