công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TMS320C6745DPTP3 bảng dữ liệu(PDF) 19 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện TMS320C6745DPTP3
Giải thích chi tiết về linh kiện  Fixed- and Floating-Point Digital Signal Processor
PDF  227 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320C6745DPTP3 bảng dữ liệu(HTML) 19 Page - Texas Instruments

Back Button TMS320C6745DPTP3 Datasheet HTML 15Page - Texas Instruments TMS320C6745DPTP3 Datasheet HTML 16Page - Texas Instruments TMS320C6745DPTP3 Datasheet HTML 17Page - Texas Instruments TMS320C6745DPTP3 Datasheet HTML 18Page - Texas Instruments TMS320C6745DPTP3 Datasheet HTML 19Page - Texas Instruments TMS320C6745DPTP3 Datasheet HTML 20Page - Texas Instruments TMS320C6745DPTP3 Datasheet HTML 21Page - Texas Instruments TMS320C6745DPTP3 Datasheet HTML 22Page - Texas Instruments TMS320C6745DPTP3 Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 227 page
background image
TMS320C6745, TMS320C6747
www.ti.com
SPRS377F – SEPTEMBER 2008 – REVISED JUNE 2014
Table 3-3. C674x L1/L2 Memory Protection Registers (continued)
BYTE ADDRESS
ACRONYM
REGISTER DESCRIPTION
L1P memory protection page attribute register 28
0x0184 A670
L1PMPPA28
(controls memory address 0x00E0 6000 - 0x00E0 67FF)
L1P memory protection page attribute register 29
0x0184 A674
L1PMPPA29
(controls memory address 0x00E0 6800 - 0x00E0 6FFF)
L1P memory protection page attribute register 30
0x0184 A678
L1PMPPA30
(controls memory address 0x00E0 7000 - 0x00E0 77FF)
L1P memory protection page attribute register 31
0x0184 A67C
L1PMPPA31
(controls memory address 0x00E0 7800 - 0x00E0 7FFF)
0x0184 A67F – 0x0184 ABFF
-
Reserved
0x0184 AC00
L1DMPFAR
L1D memory protection fault address register
0x0184 AC04
L1DMPFSR
L1D memory protection fault status register
0x0184 AC08
L1DMPFCR
L1D memory protection fault command register
0x0184 AC0C - 0x0184 ACFF
-
Reserved
0x0184 AD00
L1DMPLK0
L1D memory protection lock key bits [31:0]
0x0184 AD04
L1DMPLK1
L1D memory protection lock key bits [63:32]
0x0184 AD08
L1DMPLK2
L1D memory protection lock key bits [95:64]
0x0184 AD0C
L1DMPLK3
L1D memory protection lock key bits [127:96]
0x0184 AD10
L1DMPLKCMD
L1D memory protection lock key command register
0x0184 AD14
L1DMPLKSTAT
L1D memory protection lock key status register
0x0184 AD18 - 0x0184 ADFF
-
Reserved
0x0184 AE00 - 0x0184 AE3F
-
Reserved (2)
L1D memory protection page attribute register 16
0x0184 AE40
L1DMPPA16
(controls memory address 0x00F0 0000 - 0x00F0 07FF)
L1D memory protection page attribute register 17
0x0184 AE44
L1DMPPA17
(controls memory address 0x00F0 0800 - 0x00F0 0FFF)
L1D memory protection page attribute register 18
0x0184 AE48
L1DMPPA18
(controls memory address 0x00F0 1000 - 0x00F0 17FF)
L1D memory protection page attribute register 19
0x0184 AE4C
L1DMPPA19
(controls memory address 0x00F0 1800 - 0x00F0 1FFF)
L1D memory protection page attribute register 20
0x0184 AE50
L1DMPPA20
(controls memory address 0x00F0 2000 - 0x00F0 27FF)
L1D memory protection page attribute register 21
0x0184 AE54
L1DMPPA21
(controls memory address 0x00F0 2800 - 0x00F0 2FFF)
L1D memory protection page attribute register 22
0x0184 AE58
L1DMPPA22
(controls memory address 0x00F0 3000 - 0x00F0 37FF)
L1D memory protection page attribute register 23
0x0184 AE5C
L1DMPPA23
(controls memory address 0x00F0 3800 - 0x00F0 3FFF)
L1D memory protection page attribute register 24
0x0184 AE60
L1DMPPA24
(controls memory address 0x00F0 4000 - 0x00F0 47FF)
L1D memory protection page attribute register 25
0x0184 AE64
L1DMPPA25
(controls memory address 0x00F0 4800 - 0x00F0 4FFF)
L1D memory protection page attribute register 26
0x0184 AE68
L1DMPPA26
(controls memory address 0x00F0 5000 - 0x00F0 57FF)
L1D memory protection page attribute register 27
0x0184 AE6C
L1DMPPA27
(controls memory address 0x00F0 5800 - 0x00F0 5FFF)
L1D memory protection page attribute register 28
0x0184 AE70
L1DMPPA28
(controls memory address 0x00F0 6000 - 0x00F0 67FF)
L1D memory protection page attribute register 29
0x0184 AE74
L1DMPPA29
(controls memory address 0x00F0 6800 - 0x00F0 6FFF)
L1D memory protection page attribute register 30
0x0184 AE78
L1DMPPA30
(controls memory address 0x00F0 7000 - 0x00F0 77FF)
(2)
These addresses correspond to the L1D memory protection page attribute registers 0-15 (L1DMPPA0-L1DMPPA15) of the C674x
megamaodule. These registers are not supported for this device.
Copyright © 2008–2014, Texas Instruments Incorporated
Device Overview
19
Submit Documentation Feedback
Product Folder Links: TMS320C6745 TMS320C6747



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com