công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TMS320C6745DPTP3 bảng dữ liệu(PDF) 42 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện TMS320C6745DPTP3
Giải thích chi tiết về linh kiện  Fixed- and Floating-Point Digital Signal Processor
PDF  227 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320C6745DPTP3 bảng dữ liệu(HTML) 42 Page - Texas Instruments

Back Button TMS320C6745DPTP3 Datasheet HTML 38Page - Texas Instruments TMS320C6745DPTP3 Datasheet HTML 39Page - Texas Instruments TMS320C6745DPTP3 Datasheet HTML 40Page - Texas Instruments TMS320C6745DPTP3 Datasheet HTML 41Page - Texas Instruments TMS320C6745DPTP3 Datasheet HTML 42Page - Texas Instruments TMS320C6745DPTP3 Datasheet HTML 43Page - Texas Instruments TMS320C6745DPTP3 Datasheet HTML 44Page - Texas Instruments TMS320C6745DPTP3 Datasheet HTML 45Page - Texas Instruments TMS320C6745DPTP3 Datasheet HTML 46Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 227 page
background image
TMS320C6745, TMS320C6747
SPRS377F – SEPTEMBER 2008 – REVISED JUNE 2014
www.ti.com
3.6.15 Multichannel Audio Serial Ports (McASP0, McASP1, McASP2)
Table 3-20. Multichannel Audio Serial Ports (McASPs) Terminal Functions
PIN NO
SIGNAL NAME
TYPE(1) PULL(2)
MUXED
DESCRIPTION
PTP
ZKB
McASP0
EMA_WE_DQM[0]/UHPI_HINT/AXR0[15]/GP2[9]
-
M14
I/O
IPU
EMIFA, UHPI,
EMA_WE_DQM[1]/UHPI_HDS2/AXR0[14]/GP2[8]
-
P12
I/O
IPU
GPIO
EMA_OE/UHPI_HDS1/AXR0[13]/GP2[7]
22
R7
I/O
IPU
EMIFA, UHPI,
EMA_WE/UHPI_HRW/AXR0[12]/GP2[3]/BOOT[14]
55
M13
I/O
IPU
GPIO, BOOT
McASP2,
AXR0[11]/AXR2[0]/GP3[11]
124
A5
I/O
IPD
GPIO
UART1_TXD/AXR0[10]/GP3[10]
123
D6
I/O
IPD
UART1, GPIO
UART1_RXD/AXR0[9]/GP3[9]
122
C6
I/O
IPD
UART1, GPIO
McASP0 serial
AXR0[8]/MDIO_D/GP3[8]
121
B6
I/O
IPU
data
MDIO, GPIO
AXR0[7]/MDIO_CLK/GP3[7]
120
A6
I/O
IPD
AXR0[6]/RMII_RXER/ACLKR2/GP3[6]
118
D7
I/O
IPD
AXR0[5]/RMII_RXD[1]/AFSX2/GP3[5]
117
C7
I/O
IPD
AXR0[4]/RMII_RXD[0]/AXR2[1]/GP3[4]
116
B7
I/O
IPD
EMAC,
AXR0[3]/RMII_CRS_DV/AXR2[2]/GP3[3]
115
A7
I/O
IPD
McASP2,
GPIO
AXR0[2]/RMII_TXEN/AXR2[3]/GP3[2]
113
D8
I/O
IPD
AXR0[1]/RMII_TXD[1]/ACLKX2/GP3[1]
112
C8
I/O
IPD
AXR0[0]/RMII_TXD[0]/AFSR2/GP3[0]
111
B8
I/O
IPD
McASP0
McASP2, USB,
AHCLKX0/AHCLKX2/USB_REFCLKIN/GP2[11]
125
B5
I/O
IPD
transmit master
GPIO
clock
McASP0
ACLKX0/ECAP0/APWM0/GP2[12]
126
C5
I/O
IPD
eCAP0, GPIO
transmit bit
clock
McASP0
AFSX0/GP2[13]/BOOT[10]
127
D5
I/O
IPD
GPIO, BOOT
transmit frame
sync
EMAC, GPIO,
McASP0 receive
AHCLKR0/RMII_MHZ_50_CLK/GP2[14]/BOOT[11]
129
A4
I/O
IPD
BOOT
master clock
McASP0 receive
ACLKR0/ECAP1/APWM1/GP2[15]
130
B4
I/O
IPD
eCAP1, GPIO
bit clock
McASP0 receive
AFSR0/GP3[12]
131
C4
I/O
IPD
GPIO
frame sync
McASP0 mute
AMUTE0/RESETOUT
-
L4
O
IPD
RESETOUT
output
(1)
I = Input, O = Output, I/O = Bidirectional, Z = High impedance, PWR = Supply voltage, GND = Ground, A = Analog signal.
Note: The pin type shown refers to the input, output or high-impedance state of the pin function when configured as the the signal name
highlighted in bold. All multiplexed signals may enter a high-impedance state when the configured function is input-only or the configured
function supports high-Z operation. All GPIO signals can be used as input or output. For multiplexed pins where functions have different
types (ie., input versus output), the table reflects the pin function direction for that particular peripheral.
(2)
IPD = Internal Pulldown resistor, IPU = Internal Pullup resistor
42
Device Overview
Copyright © 2008–2014, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: TMS320C6745 TMS320C6747



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com