| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
TMS320C6745DPTP3 bảng dữ liệu(PDF) 99 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
TMS320C6745DPTP3 bảng dữ liệu(HTML) 99 Page - Texas Instruments |
|
99 / 227 page ![]() TMS320C6745, TMS320C6747 www.ti.com SPRS377F – SEPTEMBER 2008 – REVISED JUNE 2014 6.11.2 Interfacing to SDRAM The EMIFB supports a glueless interface to SDRAM devices with the following characteristics: • Pre-charge bit is A[10] • Supports 8, 9, 10 or 11 column address bits • Supports up to 13 row address bits • Supports 1, 2 or 4 internal banks Table 6-23 shows the supported SDRAM configurations for EMIFB. Table 6-23. EMIFB Supported SDRAM Configurations(1) SDRAM Memory Memory Number of EMIFB Data Total Memory Total Memory Data Bus Rows Columns Banks Density Memories Bus Size (Mbits) (Mbytes) Width (Mbits) (bits) 1 32 13 8 1 64 8 64 1 32 13 8 2 128 16 128 1 32 13 8 4 256 32 256 1 32 13 9 1 128 16 128 1 32 13 9 2 256 32 256 1 32 13 9 4 512 64 512 32 1 32 13 10 1 256 32 256 1 32 13 10 2 512 64 512 1 32 13 10 4 1024 128 1024 1 32 13 11 1 512 64 512 1 32 13 11 2 1024 128 1024 1 32 13 11 4 2048 256 2048 2 32 13 8 1 64 8 32 2 32 13 8 2 128 16 64 2 32 13 8 4 256 32 128 2 32 13 9 1 128 16 64 2 32 13 9 2 256 32 128 2 32 13 9 4 512 64 256 16 2 32 13 10 1 256 32 128 2 32 13 10 2 512 64 256 2 32 13 10 4 1024 128 512 2 32 13 11 1 512 64 256 2 32 13 11 2 1024 128 512 2 32 13 11 4 2048 256 1024 (1) The shaded cells indicate configurations that are possible on the EMIFB interface but as of this writing SDRAM memories capable of supporting these densities are not available in the market. Figure 6-21 shows an interface between the EMIFB and a 2M × 16 × 4 bank SDRAM device. In addition, Figure 6-22 shows an interface between the EMIFB and a 2M × 32 × 4 bank SDRAM device and Figure 6- 23 shows an interface between the EMIFB and two 4M × 16 × 4 bank SDRAM devices. Refer to Table 6- 24, as an example that shows additional list of commonly-supported SDRAM devices and the required connections for the address pins. Note that in Table 6-24, page size/column size (not indicated in the table) is varied to get the required addressability range. Copyright © 2008–2014, Texas Instruments Incorporated Peripheral Information and Electrical Specifications 99 Submit Documentation Feedback Product Folder Links: TMS320C6745 TMS320C6747 |
|
Link URL |
| Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Liên kết đến bảng dữ liệu | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |