công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TMS320C6745DPTP3 bảng dữ liệu(PDF) 88 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện TMS320C6745DPTP3
Giải thích chi tiết về linh kiện  Fixed- and Floating-Point Digital Signal Processor
PDF  227 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320C6745DPTP3 bảng dữ liệu(HTML) 88 Page - Texas Instruments

Back Button TMS320C6745DPTP3 Datasheet HTML 84Page - Texas Instruments TMS320C6745DPTP3 Datasheet HTML 85Page - Texas Instruments TMS320C6745DPTP3 Datasheet HTML 86Page - Texas Instruments TMS320C6745DPTP3 Datasheet HTML 87Page - Texas Instruments TMS320C6745DPTP3 Datasheet HTML 88Page - Texas Instruments TMS320C6745DPTP3 Datasheet HTML 89Page - Texas Instruments TMS320C6745DPTP3 Datasheet HTML 90Page - Texas Instruments TMS320C6745DPTP3 Datasheet HTML 91Page - Texas Instruments TMS320C6745DPTP3 Datasheet HTML 92Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 88 / 227 page
background image
TMS320C6745, TMS320C6747
SPRS377F – SEPTEMBER 2008 – REVISED JUNE 2014
www.ti.com
Table 6-17. EMIFA Supported SDRAM Configurations(1)
SDRAM
Memory
Memory
Number of
EMIFB Data
Total Memory
Total Memory
Data Bus
Rows
Columns
Banks
Density
Memories
Bus Size
(Mbits)
(Mbytes)
Width
(Mbits)
(bits)
1
16
13
8
1
32
4
32
1
16
13
8
2
64
8
64
1
16
13
8
4
128
16
128
1
16
13
9
1
64
8
64
1
16
13
9
2
128
16
128
1
16
13
9
4
256
32
256
16
1
16
13
10
1
128
16
128
1
16
13
10
2
256
32
256
1
16
13
10
4
512
64
512
1
16
13
11
1
256
32
256
1
16
13
11
2
512
64
512
1
16
13
11
4
1024
128
1024
2
16
13
8
1
32
4
16
2
16
13
8
2
64
8
32
2
16
13
8
4
128
16
64
2
16
13
9
1
64
8
32
2
16
13
9
2
128
16
64
2
16
13
9
4
256
32
128
8
2
16
13
10
1
128
16
64
2
16
13
10
2
256
32
128
2
16
13
10
4
512
64
256
2
16
13
11
1
256
32
128
2
16
13
11
2
512
64
256
2
16
13
11
4
1024
128
512
(1)
The shaded cells indicate configurations that are possible on the EMIFA interface but as of this writing SDRAM memories capable of
supporting these densities are not available in the market.
6.10.3 EMIFA SDRAM Loading Limitations
EMIFA supports SDRAM up to 100 MHz with up to two SDRAM or asynchronous memory loads.
Additional loads will limit the SDRAM operation to lower speeds and the maximum speed should be
confirmed by board simulation using IBIS models.
6.10.4 EMIFA Connection Examples
Figure 6-12 illustrates an example of how SDRAM, NOR, and NAND flash devices might be connected to
EMIFA of a C6745/6747 device simultaneously. The SDRAM chip select must be EMA_CS[0]. Note that
the NOR flash is connected to EMA_CS[2] and the NAND flash is connected to EMA_CS[3] in this
example. Note that any type of asynchronous memory may be connected to EMA_CS[5:2].
The on-chip bootloader makes some assumptions on which chip select the contains the boot image, and
this depends on the boot mode. For NOR boot mode; the on-chip bootloader requires that the image be
stored in NOR flash on EMA_CS[2]. For NAND boot mode, the bootloader requires that the boot image is
stored in NAND flash on EMA_CS[3]. It is always possible to have the image span multiple chip selects,
but this must be supported by second stage boot code stored in the external flash.
88
Peripheral Information and Electrical Specifications
Copyright © 2008–2014, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: TMS320C6745 TMS320C6747



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com