| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
TMS320C6745DPTP3 bảng dữ liệu(PDF) 142 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
TMS320C6745DPTP3 bảng dữ liệu(HTML) 142 Page - Texas Instruments |
|
142 / 227 page ![]() TMS320C6745, TMS320C6747 SPRS377F – SEPTEMBER 2008 – REVISED JUNE 2014 www.ti.com Table 6-63. General Timing Requirements for SPI1 Slave Modes(1) (continued) No. PARAMATER MIN MAX UNIT Polarity = 0, Phase = 0, 2P to SPI1_CLK rising Polarity = 0, Phase = 1, 2P Setup time, transmit data written to to SPI1_CLK rising 12 tsu(SOMI_SPC)S SPI before initial clock edge from ns Polarity = 1, Phase = 0, master.(2) (3) 2P to SPI1_CLK falling Polarity = 1, Phase = 1, 2P to SPI1_CLK falling Polarity = 0, Phase = 0, 19 from SPI1_CLK rising Polarity = 0, Phase = 1, 19 Delay, subsequent bits valid on from SPI1_CLK falling 13 td(SPC_SOMI)S SPI1_SOMI after transmit edge of ns Polarity = 1, Phase = 0, SPI1_CLK 19 from SPI1_CLK falling Polarity = 1, Phase = 1, 19 from SPI1_CLK rising Polarity = 0, Phase = 0, 0.5tc(SPC)S -3 from SPI1_CLK falling Polarity = 0, Phase = 1, 0.5tc(SPC)S -3 Output hold time, SPI1_SOMI valid from SPI1_CLK rising 14 toh(SPC_SOMI)S after ns Polarity = 1, Phase = 0, receive edge of SPI1_CLK 0.5tc(SPC)S -3 from SPI1_CLK rising Polarity = 1, Phase = 1, 0.5tc(SPC)S -3 from SPI1_CLK falling Polarity = 0, Phase = 0, 0 to SPI1_CLK falling Polarity = 0, Phase = 1, 0 Input Setup Time, SPI1_SIMO valid to SPI1_CLK rising 15 tsu(SIMO_SPC)S before ns Polarity = 1, Phase = 0, receive edge of SPI1_CLK 0 to SPI1_CLK rising Polarity = 1, Phase = 1, 0 to SPI1_CLK falling Polarity = 0, Phase = 0, 5 from SPI1_CLK falling Polarity = 0, Phase = 1, 5 Input Hold Time, SPI1_SIMO valid from SPI1_CLK rising 16 tih(SPC_SIMO)S after ns Polarity = 1, Phase = 0, receive edge of SPI1_CLK 5 from SPI1_CLK rising Polarity = 1, Phase = 1, 5 from SPI1_CLK falling (2) First bit may be MSB or LSB depending upon SPI configuration. SO(0) refers to first bit and SO(n) refers to last bit output on SPI1_SOMI. SI(0) refers to the first bit input and SI(n) refers to the last bit input on SPI1_SIMO. (3) Measured from the termination of the write of new data to the SPI module, In analyzing throughput requirements, additional internal bus cycles must be accounted for to allow data to be written to the SPI module by the DSP CPU. 142 Peripheral Information and Electrical Specifications Copyright © 2008–2014, Texas Instruments Incorporated Submit Documentation Feedback Product Folder Links: TMS320C6745 TMS320C6747 |
|
Link URL |
| Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Liên kết đến bảng dữ liệu | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |