| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
TMS320C6745DPTP3 bảng dữ liệu(PDF) 144 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
TMS320C6745DPTP3 bảng dữ liệu(HTML) 144 Page - Texas Instruments |
|
144 / 227 page ![]() TMS320C6745, TMS320C6747 SPRS377F – SEPTEMBER 2008 – REVISED JUNE 2014 www.ti.com Table 6-66. Additional(1) SPI1 Master Timings, 5-Pin Option(2) (3) No. PARAMATER MIN MAX UNIT Polarity = 0, Phase = 0, 0.5tc(SPC)M+P+5 from SPI1_CLK falling Max delay for slave to Polarity = 0, Phase = 1, P+5 deassert SPI1_ENA after final from SPI1_CLK falling 18 td(SPC_ENA)M SPI1_CLK edge to ensure ns Polarity = 1, Phase = 0, master does not begin the 0.5tc(SPC)M+P+5 from SPI1_CLK rising next transfer.(4) Polarity = 1, Phase = 1, P+5 from SPI1_CLK rising Polarity = 0, Phase = 0, 0.5tc(SPC)M + P -3 from SPI1_CLK falling Polarity = 0, Phase = 1, Delay from final SPI1_CLK P - 3 from SPI1_CLK falling edge to 20 td(SPC_SCS)M ns master deasserting Polarity = 1, Phase = 0, 0.5tc(SPC)M+ P -3 SPI1_SCS (5) (6) from SPI1_CLK rising Polarity = 1, Phase = 1, P - 3 from SPI1_CLK rising Max delay for slave SPI to drive SPI1_ENA valid after 21 td(SCSL_ENAL)M master asserts SPI1_SCS to delay the C2TDELAY + P ns master from beginning the next transfer, Polarity = 0, Phase = 0, 2P -5 to SPI1_CLK rising Polarity = 0, Phase = 1, 0.5tc(SPC)M + 2P -5 to SPI1_CLK rising Delay from SPI1_SCS active 22 td(SCS_SPC)M ns to first SPI1_CLK(7) (8) (9) Polarity = 1, Phase = 0, 2P -5 to SPI1_CLK falling Polarity = 1, Phase = 1, 0.5tc(SPC)M + 2P -5 to SPI1_CLK falling Polarity = 0, Phase = 0, 3P + 3 to SPI1_CLK rising Polarity = 0, Phase = 1, 0.5tc(SPC)M + 3P + 3 Delay from assertion of to SPI1_CLK rising 23 td(ENA_SPC)M SPI1_ENA low to first ns Polarity = 1, Phase = 0, SPI1_CLK edge.(10) 3P + 3 to SPI1_CLK falling Polarity = 1, Phase = 1, 0.5tc(SPC)M + 3P + 3 to SPI1_CLK falling (1) These parameters are in addition to the general timings for SPI master modes (Table 6-63). (2) P = SYSCLK2 period (3) Figure shows only Polarity = 0, Phase = 0 as an example. Table gives parameters for all four master clocking modes. (4) In the case where the master SPI is ready with new data before SPI1_ENA deassertion. (5) Except for modes when SPIDAT1.CSHOLD is enabled and there is additional data to transmit. In this case, SPI1_SCS will remain asserted. (6) This delay can be increased under software control by the register bit field SPIDELAY.T2CDELAY[4:0]. (7) If SPI1_ENA is asserted immediately such that the transmission is not delayed by SPI1_ENA. (8) In the case where the master SPI is ready with new data before SPI1_SCS assertion. (9) This delay can be increased under software control by the register bit field SPIDELAY.C2TDELAY[4:0]. (10) If SPI1_ENA was initially deasserted high and SPI1_CLK is delayed. 144 Peripheral Information and Electrical Specifications Copyright © 2008–2014, Texas Instruments Incorporated Submit Documentation Feedback Product Folder Links: TMS320C6745 TMS320C6747 |
|
Link URL |
| Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Liên kết đến bảng dữ liệu | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |