công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TMS320C6745DPTP3 bảng dữ liệu(PDF) 160 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện TMS320C6745DPTP3
Giải thích chi tiết về linh kiện  Fixed- and Floating-Point Digital Signal Processor
PDF  227 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320C6745DPTP3 bảng dữ liệu(HTML) 160 Page - Texas Instruments

Back Button TMS320C6745DPTP3 Datasheet HTML 156Page - Texas Instruments TMS320C6745DPTP3 Datasheet HTML 157Page - Texas Instruments TMS320C6745DPTP3 Datasheet HTML 158Page - Texas Instruments TMS320C6745DPTP3 Datasheet HTML 159Page - Texas Instruments TMS320C6745DPTP3 Datasheet HTML 160Page - Texas Instruments TMS320C6745DPTP3 Datasheet HTML 161Page - Texas Instruments TMS320C6745DPTP3 Datasheet HTML 162Page - Texas Instruments TMS320C6745DPTP3 Datasheet HTML 163Page - Texas Instruments TMS320C6745DPTP3 Datasheet HTML 164Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 160 / 227 page
background image
TMS320C6745, TMS320C6747
SPRS377F – SEPTEMBER 2008 – REVISED JUNE 2014
www.ti.com
6.21 LCD Controller
The LCD controller consists of two independent controllers, the Raster Controller and the LCD Interface
Display Driver (LIDD) controller. Each controller operates independently from the other and only one of
them is active at any given time.
•
The Raster Controller handles the synchronous LCD interface. It provides timing and data for constant
graphics refresh to a passive display. It supports a wide variety of monochrome and full-color display
types and sizes by use of programmable timing controls, a built-in palette, and a gray-scale/serializer.
Graphics data is processed and stored in frame buffers. A frame buffer is a contiguous memory block
in the system. A built-in DMA engine supplies the graphics data to the Raster engine which, in turn,
outputs to the external LCD device.
•
The LIDD Controller supports the asynchronous LCD interface. It provides full-timing programmability
of control signals (CS, WE, OE, ALE) and output data.
The maximum resolution for the LCD controller is 1024 x 1024 pixels. The maximum frame rate is
determined by the image size in combination with the pixel clock rate. OMAP-L1x/C674x/AM1x SOC
Architecture and Throughput Overview (SPRAB93).
Table 6-81 lists the LCD Controller registers
Table 6-81. LCD Controller (LCDC) Registers
BYTE ADDRESS
ACRONYM
REGISTER DESCRIPTION
0x01E1 3000
REVID
LCD Revision Identification Register
0x01E1 3004
LCD_CTRL
LCD Control Register
0x01E1 3008
LCD_STAT
LCD Status Register
0x01E1 300C
LIDD_CTRL
LCD LIDD Control Register
0x01E1 3010
LIDD_CS0_CONF
LCD LIDD CS0 Configuration Register
0x01E1 3014
LIDD_CS0_ADDR
LCD LIDD CS0 Address Read/Write Register
0x01E1 3018
LIDD_CS0_DATA
LCD LIDD CS0 Data Read/Write Register
0x01E1 301C
LIDD_CS1_CONF
LCD LIDD CS1 Configuration Register
0x01E1 3020
LIDD_CS1_ADDR
LCD LIDD CS1 Address Read/Write Register
0x01E1 3024
LIDD_CS1_DATA
LCD LIDD CS1 Data Read/Write Register
0x01E1 3028
RASTER_CTRL
LCD Raster Control Register
0x01E1 302C
RASTER_TIMING_0
LCD Raster Timing 0 Register
0x01E1 3030
RASTER_TIMING_1
LCD Raster Timing 1 Register
0x01E1 3034
RASTER_TIMING_2
LCD Raster Timing 2 Register
0x01E1 3038
RASTER_SUBPANEL
LCD Raster Subpanel Display Register
0x01E1 3040
LCDDMA_CTRL
LCD DMA Control Register
0x01E1 3044
LCDDMA_FB0_BASE
LCD DMA Frame Buffer 0 Base Address Register
0x01E1 3048
LCDDMA_FB0_CEILING
LCD DMA Frame Buffer 0 Ceiling Address Register
0x01E1 304C
LCDDMA_FB1_BASE
LCD DMA Frame Buffer 1 Base Address Register
0x01E1 3050
LCDDMA_FB1_CEILING
LCD DMA Frame Buffer 1 Ceiling Address Register
160
Peripheral Information and Electrical Specifications
Copyright © 2008–2014, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: TMS320C6745 TMS320C6747



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com