công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TMS320C6745DPTP3 bảng dữ liệu(PDF) 159 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện TMS320C6745DPTP3
Giải thích chi tiết về linh kiện  Fixed- and Floating-Point Digital Signal Processor
PDF  227 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320C6745DPTP3 bảng dữ liệu(HTML) 159 Page - Texas Instruments

Back Button TMS320C6745DPTP3 Datasheet HTML 155Page - Texas Instruments TMS320C6745DPTP3 Datasheet HTML 156Page - Texas Instruments TMS320C6745DPTP3 Datasheet HTML 157Page - Texas Instruments TMS320C6745DPTP3 Datasheet HTML 158Page - Texas Instruments TMS320C6745DPTP3 Datasheet HTML 159Page - Texas Instruments TMS320C6745DPTP3 Datasheet HTML 160Page - Texas Instruments TMS320C6745DPTP3 Datasheet HTML 161Page - Texas Instruments TMS320C6745DPTP3 Datasheet HTML 162Page - Texas Instruments TMS320C6745DPTP3 Datasheet HTML 163Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 159 / 227 page
background image
PWM (A)
TZ
tw(TZ)
td(TZ_PWM)HZ
TMS320C6745, TMS320C6747
www.ti.com
SPRS377F – SEPTEMBER 2008 – REVISED JUNE 2014
6.20.1 Enhanced Pulse Width Modulator (eHRPWM) Timing
PWM refers to PWM outputs on eHRPWM1-6. Table 6-77 shows the PWM timing requirements and
Table 6-78, switching characteristics.
Table 6-77. eHRPWM Timing Requirements
PARAMETER
TEST CONDITIONS
MIN
MAX
UNIT
tw(SYNCIN)
Sync input pulse width
Asynchronous
2tc(SCO)
cycles
Synchronous
2tc(SCO)
cycles
Table 6-78. eHRPWM Switching Characteristics
PARAMETER
TEST CONDITIONS
MIN
MAX
UNIT
tw(PWM)
Pulse duration, PWMx output high/low
20
ns
tw(SYNCOUT)
Sync output pulse width
8tc(SCO)
cycles
td(PWM)TZA
Delay time, trip input active to PWM forced high
no pin load;
25
ns
Delay time, trip input active to PWM forced low
no additional
programmable delay
td(TZ-PWM)HZ
Delay time, trip input active to PWM Hi-Z
no additional
20
ns
programmable delay
6.20.2 Trip-Zone Input Timing
A.
PWM refers to all the PWM pins in the device. The state of the PWM pins after TZ is taken high depends on the PWM
recovery software.
Figure 6-46. PWM Hi-Z Characteristics
Table 6-79. Trip-Zone input Timing Requirements
PARAMETER
MIN
MAX
UNIT
tw(TZ)
Pulse duration, TZx input low
Asynchronous
1tc(SCO)
cycles
Synchronous
2tc(SCO)
cycles
Table 6-80 shows the high-resolution PWM switching characteristics.
Table 6-80. High Resolution PWM Characteristics at SYSCLKOUT = (60 - 100 MHz)
PARAMETER
MIN
TYP
MAX
UNIT
Micro Edge Positioning (MEP) step size(1)
200
ps
(1)
MEP step size will increase with low voltage and high temperature and decrease with high voltage and cold temperature.
Copyright © 2008–2014, Texas Instruments Incorporated
Peripheral Information and Electrical Specifications
159
Submit Documentation Feedback
Product Folder Links: TMS320C6745 TMS320C6747



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com