công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TMS320C6745DPTP3 bảng dữ liệu(PDF) 158 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện TMS320C6745DPTP3
Giải thích chi tiết về linh kiện  Fixed- and Floating-Point Digital Signal Processor
PDF  227 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320C6745DPTP3 bảng dữ liệu(HTML) 158 Page - Texas Instruments

Back Button TMS320C6745DPTP3 Datasheet HTML 154Page - Texas Instruments TMS320C6745DPTP3 Datasheet HTML 155Page - Texas Instruments TMS320C6745DPTP3 Datasheet HTML 156Page - Texas Instruments TMS320C6745DPTP3 Datasheet HTML 157Page - Texas Instruments TMS320C6745DPTP3 Datasheet HTML 158Page - Texas Instruments TMS320C6745DPTP3 Datasheet HTML 159Page - Texas Instruments TMS320C6745DPTP3 Datasheet HTML 160Page - Texas Instruments TMS320C6745DPTP3 Datasheet HTML 161Page - Texas Instruments TMS320C6745DPTP3 Datasheet HTML 162Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 158 / 227 page
background image
TMS320C6745, TMS320C6747
SPRS377F – SEPTEMBER 2008 – REVISED JUNE 2014
www.ti.com
Table 6-76. eHRPWM Module Control and Status Registers Grouped by Submodule
eHRPWM0
eHRPWM1
eHRPWM2
BYTE
BYTE
BYTE
SIZE
ADDRESS
ADDRESS
ADDRESS
ACRONYM
(×16)
SHADOW
REGISTER DESCRIPTION
TIME-BASE SUBMODULE REGISTERS
0x01F0 0000
0x01F0 2000
0x01F0 4000
TBCTL
1
No
Time-Base Control Register
0x01F0 0002
0x01F0 2002
0x01F0 4002
TBSTS
1
No
Time-Base Status Register
0x01F0 0004
0x01F0 2004
0x01F0 4004
TBPHSHR
1
No
Extension for HRPWM Phase Register (1)
0x01F0 0006
0x01F0 2006
0x01F0 4006
TBPHS
1
No
Time-Base Phase Register
0x01F0 0008
0x01F0 2008
0x01F0 4008
TBCNT
1
No
Time-Base Counter Register
0x01F0 000A
0x01F0 200A
0x01F0 400A
TBPRD
1
Yes
Time-Base Period Register
COUNTER-COMPARE SUBMODULE REGISTERS
0x01F0 000E
0x01F0 200E
0x01F0 400E
CMPCTL
1
No
Counter-Compare Control Register
0x01F0 0010
0x01F0 2010
0x01F0 4010
CMPAHR
1
No
Extension for HRPWM Counter-Compare A Register (1)
0x01F0 0012
0x01F0 2012
0x01F0 4012
CMPA
1
Yes
Counter-Compare A Register
0x01F0 0014
0x01F0 2014
0x01F0 4014
CMPB
1
Yes
Counter-Compare B Register
ACTION-QUALIFIER SUBMODULE REGISTERS
0x01F0 0016
0x01F0 2016
0x01F0 4016
AQCTLA
1
No
Action-Qualifier Control Register for Output A
(eHRPWMxA)
0x01F0 0018
0x01F0 2018
0x01F0 4018
AQCTLB
1
No
Action-Qualifier Control Register for Output B
(eHRPWMxB)
0x01F0 001A
0x01F0 201A
0x01F0 401A
AQSFRC
1
No
Action-Qualifier Software Force Register
0x01F0 001C
0x01F0 201C
0x01F0 401C
AQCSFRC
1
Yes
Action-Qualifier Continuous S/W Force Register Set
DEAD-BAND GENERATOR SUBMODULE REGISTER
0x01F0 001E
0x01F0 201E
0x01F0 401E
DBCTL
1
No
Dead-Band Generator Control Register
0x01F0 0020
0x01F0 2020
0x01F0 4020
DBRED
1
No
Dead-Band Generator Rising Edge Delay Count
Register
0x01F0 0022
0x01F0 2022
0x01F0 4022
DBFED
1
No
Dead-Band Generator Falling Edge Delay Count
Register
PWM-CHOPPER SUBMODULE REGISTERS
0x01F0 003C
0x01F0 203C
0x01F0 403C
PCCTL
1
No
PWM-Chopper Control Register
TRIP-ZONE SUBMODULE REGISTERS
0x01F0 0024
0x01F0 2024
0x01F0 4024
TZSEL
1
No
Trip-Zone Select Register
0x01F0 0028
0x01F0 2028
0x01F0 4028
TZCTL
1
No
Trip-Zone Control Register
0x01F0 002A
0x01F0 202A
0x01F0 402A
TZEINT
1
No
Trip-Zone Enable Interrupt Register
0x01F0 002C
0x01F0 202C
0x01F0 402C
TZFLG
1
No
Trip-Zone Flag Register
0x01F0 002E
0x01F0 202E
0x01F0 402E
TZCLR
1
No
Trip-Zone Clear Register
0x01F0 0030
0x01F0 2030
0x01F0 4030
TZFRC
1
No
Trip-Zone Force Register
EVENT-TRIGGER SUBMODULE REGISTERS
0x01F0 0032
0x01F0 2032
0x01F0 4032
ETSEL
1
No
Event-Trigger Selection Register
0x01F0 0034
0x01F0 2034
0x01F0 4034
ETPS
1
No
Event-Trigger Pre-Scale Register
0x01F0 0036
0x01F0 2036
0x01F0 4036
ETFLG
1
No
Event-Trigger Flag Register
0x01F0 0038
0x01F0 2038
0x01F0 4038
ETCLR
1
No
Event-Trigger Clear Register
0x01F0 003A
0x01F0 203A
0x01F0 403A
ETFRC
1
No
Event-Trigger Force Register
HIGH-RESOLUTION PWM (HRPWM) SUBMODULE REGISTERS
0x01F0 1040
0x01F0 3040
0x01F0 5040
HRCNFG
1
No
HRPWM Configuration Register (1)
(1)
These registers are only available on eHRPWM instances that include the high-resolution PWM (HRPWM) extension; otherwise, these
locations are reserved.
158
Peripheral Information and Electrical Specifications
Copyright © 2008–2014, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: TMS320C6745 TMS320C6747



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com