| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
DP83953 bảng dữ liệu(PDF) 81 Page - National Semiconductor (TI) |
|
|
|
|||||||||||||||||||||||||||||
DP83953 bảng dữ liệu(HTML) 81 Page - National Semiconductor (TI) |
|
81 / 90 page ![]() 81 www.national.com 9.0 DC and AC Specification (Continued) Receive Collision Timing Note 1: PKEN assumed high Note 2: Assuming reception ended before COLN goes inactive. TW2 is included in this parameter. Assuming ACTNd to ACTNs delay is 0. Collision Timing-10BASE-T Ports Collision activity propagation start up and end delays for 10BASE-T ports Note: TX collision extension has already been performed and no other port is asserting ANYXN. Number Symbol Parameter Min Max Units T32a T33a cdacolna cdicolni CD active to COLN active (Note 1) CD inactive to COLN inactive 55 215 ns ns T39 T40 colnajs colnije COLN active to start of jam COLN inactive to end of jam (Note 2) 400 800 ns ns Number Symbol Parameter Min Max Units T30t T31t colaanya colianyi Collision active to ANYXN active Collision inactive to ANYXN inactive (Note 1) 800 400 ns ns |