công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

DP83953 bảng dữ liệu(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
tên linh kiện DP83953
Giải thích chi tiết về linh kiện  Repeater Interface Controller with Security Features, Internal Drivers and Integrated Filters
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NSC [National Semiconductor (TI)]
Trang chủ  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83953 bảng dữ liệu(HTML) 4 Page - National Semiconductor (TI)

  DP83953 Datasheet HTML 1Page - National Semiconductor (TI) DP83953 Datasheet HTML 2Page - National Semiconductor (TI) DP83953 Datasheet HTML 3Page - National Semiconductor (TI) DP83953 Datasheet HTML 4Page - National Semiconductor (TI) DP83953 Datasheet HTML 5Page - National Semiconductor (TI) DP83953 Datasheet HTML 6Page - National Semiconductor (TI) DP83953 Datasheet HTML 7Page - National Semiconductor (TI) DP83953 Datasheet HTML 8Page - National Semiconductor (TI) DP83953 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 90 page
background image
1.0 Connection Diagram (Continued)
4
www.national.com
Note 1: NC = No Connect
Note 2: Port
VDD and GND are denoted as VDDPx and GNDPx, where x=2-13 for all twisted pair ports.
Note 3: The path to each port
VDD and GND must have a very low impedance.
12 T.P. Ports + 1 AUI
PIN NAME
PIN NO.
PIN NAME
PIN NO.
PIN NAME
PIN NO.
PIN NAME
PIN NO.
GNDP13
40
VDD
80
TXO2-
120
GND
160
TXO13-
39
GND
79
TXO2+
119
TEST_11
159
TXO13+
38
IRC
78
GNDP2
118
TEST_10
158
TXO12-
37
IRE
77
VDDP2
117
TEST_9
157
TXO12+
36
IRD
76
RXI2-
116
TEST_8
156
GNDP12
35
COLN
75
RXI2+
115
TEST_7
155
VDDP12
34
VDD
74
RX1-
114
NC
154
RXI12-
33
GND
73
RX1+
113
FILTTL
153
RXI12+
32
PKEN
72
CD1-
112
VDDWS
152
RXI11-
31
RXMPLL
71
CD1+
111
GNDWS
151
RXI11+
30
BUFEN
70
TX1-
110
RXI7-
150
VDDP11
29
RDY
69
TX1+
109
RXI7+
149
GNDP11
28
ELI
68
VDD AUI
108
VDDP7
148
TXO11-
27
RTI
67
GND AUI
107
GNDP7
147
TXO11+
26
STR0
66
NC
106
TXO7-
146
TXO10-
25
VDD
65
NC
105
TXO7+
145
TXO10+
24
GND
64
NC
104
TXO6-
144
GNDP10
23
STR0
63
NC
103
TXO6+
143
VDDP10
22
ACTND
62
VDD
102
GNDP6
142
RXI10-
21
ANYXND
61
GND
101
VDDP6
141
RXI10+
20
ACKO
60
CLKIN
100
RXI6-
140
RXI9-
19
MRXC
59
RA4
99
RXI6+
139
RXI9+
18
MEN
58
RA3
98
RXI5-
138
VDDP9
17
MRXD
57
RA2
97
RXI5+
137
GNDP9
16
MCRS
56
RA1
96
VDDP5
136
TXO9-
15
VDD
55
RA0
95
GNDP5
135
TXO9+
14
GND
54
VDDPLL
94
TXO5-
134
TXO8-
13
ACKI
53
GNDPLL
93
TXO5+
133
TXO8+
12
ACTNS
52
MLOAD
92
TXO4-
132
GNDP8
11
ANYXNS
51
CDEC
91
TXO4+
131
VDDP8
10
PCOMP
50
WR
90
GNDP4
130
RXI8-
9
NC
49
RD
89
VDDP4
129
RXI8+
8
TEST_6
48
D7
88
RXI4-
128
VDDA
7
TEST_5
47
D6
87
RXI4+
127
GNDA
6
TEST_4
46
D5
86
RXI3-
126
RTX
5
TEST_3
45
D4
85
RXI3+
125
REQ
4
TEST_2
44
D3
84
VDDP3
124
NC
3
RXI13-
43
D2
83
GNDP3
123
TEST_1
2
RXI13+
42
D1
82
TXO3-
122
VDD
1VDDP13
41
D0
81
TXO3+
121



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90