| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
DP83953 bảng dữ liệu(PDF) 28 Page - National Semiconductor (TI) |
|
|
|
|||||||||||||||||||||||||||||
DP83953 bảng dữ liệu(HTML) 28 Page - National Semiconductor (TI) |
|
28 / 90 page ![]() 4.0 Functional Description (Continued) 28 www.national.com Some bus transceivers are of the inverting type. To allow the Inter-RIC bus to utilize these transceivers, the RIC2A may be configured to invert the active states of the ACTN, ANYXN, COLN and IRE signals from active low to active high. Thus they become active low once more when passed through an inverting bus driver. This is particularly important for the ACTN and ANYXN bus lines, since these signals must be used in a wired-or configuration. Incorrect signal polarity would make the bus unusable. 4.6 Processor and Display Interface The processor interface pins, which include the data bus, address bus and control signals, actually perform three operations which are multiplexed on these pins. These operations are: 1. The Mode Load Operation, which performs a power up initialization cycle upon the RIC2A. 2. Display Update Cycles, which are refresh operations for updating the display LEDs. 3. Processor Access Cycles, which allows µP’s to commu- nicate with the RIC2A’s registers. These three operations are described below. Mode Load Operation The Mode Load Operation is a hardware initialization pro- cedure performed at power on. It loads vital device configu- ration information into on chip configuration registers. In addition to its configuration function, the MLOAD pin is the RIC2A's reset input. When MLOAD is low, all of the RIC2A's repeater timers, state machines, segment partition logic and hub management logic are reset. The Mode Load Operation may be accomplished by attach- ing the appropriate set of pull up and pull down resistors to the data and register address pins to assert logic high or low signals onto these pins, and then providing a rising edge on the MLOAD pin as is shown in Figure 11. Proper execution of this function not only requires both falling and rising edges of MLOAD, but also an active CLKIN through- out. The mapping of chip functions to the configuration inputs is shown in Table 1. In a complex repeater system, the Mode Load Operation may be performed using a processor write cycle. This would require the MLOAD pin to be connected to the CPU's write strobe via some decoding logic, and included in the processor's memory map. To support the security options, pin D0 of the data bus dur- ing MLOAD is assigned to configure RIC2A. A pull up (non- security mode) or a pull down (security mode) on this pin defines the desired security level. By using this bit, the user could also take advantage of the learning mode, as described below. Learning of Port Source Address(es) Learning mode could be invoked in two ways according to bit D0 of MLoad configuration. Only the port CAMs are capable of learning the addresses: 1. When D0=0, upon power up and by default, LME, SME, ESA and EDA bits in the Port Security Configuration Register (PSCR) are set globally. This means that each port will learn the address of the node connected to it by the reception of the first good packet. The second ad- dress is learned only if it is different from the first one. Only the address of a valid length packet without FAE (Frame Alignment Error) and/or CRC errors can be learned. As soon as the address is learned by any of the two CAM locations, RIC2A will set the corresponding ADV (Address Valid) bit in Port CAM Pointer Register. To start the address comparison, the SAC (Start Com- parison) bit must be set (SAC=1) by the user. RIC2A will only use this CAM location for comparison when the ADV bit is set (ADV=1), whether LME is 1 or 0. These four bits in PSCR could be disabled later on a per port basis, which allow all the packets regardless of their ad- dress to pass through the repeater. 2. When D0=1 for MLOAD, security could still be done, but this time it means that the user should set the LME, SME, ESA and/or EDA bits in the Port Security Configuration Register. The rest of the operation is the same as when D0 is equal to zero. It is important to note that RIC2A will learn the address of the packet if LME is set regardless of the D0 setting of MLoad, i.e. secure or non-secure mode. It is also very important to note that for proper address learning, LME and SAC should not be set together. When the repeater is in non-secure mode, then the com- parison will not take place between the incoming address and the learned address. When the repeater is in secure mode, and the LME bit is set, then the processor read/write access will be ignored for the port CAM entries. That is read/ write cycles are completed, however unknown values are read during the learning process. Data will not be written into the CAM entries until the end of the learning process. It may be desired not to randomize the outgoing data and transmit the data intact when there is a valid source address mismatch. The Generate Random Pattern bit, GRP in the Global Security Register, will provide the option. If GRP is set (GRP=1) and there is a source address mis- match, then RIC2A will not generate random pattern; the packet will be transmitted out and the Hub Manager will be informed about the source address mismatch. For this option to work properly, GRP=ESA=1 and EDA=0. If EDA is also set to 1, then the packet will be randomized on ports with valid DA mismatches, and this functionality will not work. |
|
Link URL |
| Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Liên kết đến bảng dữ liệu | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |