công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

CP3SP33SMS/NOPB bảng dữ liệu(PDF) 322 Page - Texas Instruments

tên linh kiện CP3SP33SMS/NOPB
Giải thích chi tiết về linh kiện  Connectivity Processor with Cache, DSP, and Bluetooth짰, USB, and Dual CAN Interfaces
PDF  407 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

CP3SP33SMS/NOPB bảng dữ liệu(HTML) 322 Page - Texas Instruments

Back Button CP3SP33SMS/NOPB Datasheet HTML 318Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 319Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 320Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 321Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 322Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 323Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 324Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 325Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 326Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 322 / 407 page
background image
Counter 1
Clock
Select
Counter 1
Clock
Counter 2
Clock
Select
Counter 2
Clock
Synchr.
External Event
Pulse Accumulator
5-Bit
Prescaler Counter
Prescaler Register
TPRSC_n
Reset
PCLK
Clock
TBn
Prescaled Clock
No Clock
DS449
Slow Clock
Slow Clock
Synchr.
CP3SP33
SNOSCW5 – MAY 2013
www.ti.com
32.1.1 Timer/Counter Block
The Timer/Counter block contains the following functional blocks:
•
Two 16-bit counters, Timer/Counter 1 (TCNT1_n) and Timer/Counter 2 (TCNT2_n)
•
Two 16-bit reload/capture registers, TCRA_n and TCRB_n
•
Control logic necessary to configure the timer to operate in any of the four operating modes
•
Interrupt control and I/O control logic
32.1.2 Clock Source Block
The Clock Source block generates the signals used to clock the two timer/counter registers. The internal
structure of the Clock Source block is shown in Figure 32-2.
Figure 32-2. Multi-Function Timer Clock Source
32.1.2.1 Counter Clock Source Select
There are two clock source selectors that allow software to independently select the clock source for each
of the two 16-bit counters from any of the following sources:
•
No clock (which stops the counter)
•
Prescaled PCLK Clock
•
External event count based on TBn
•
Pulse accumulate mode based on TBn
•
Slow Clock
32.1.2.2 Prescaler
The 5-bit clock prescaler allows software to run the timer with a prescaled clock signal. The prescaler
consists of a 5- bit read/write prescaler register (TPRSC_n) and a 5-bit down counter. The PCLK Clock is
divided by the value contained in the prescaler register plus 1. Therefore, the PCLK Clock frequency can
be divided by any value from 1 to 32. The prescaler register and down counter are both cleared upon
reset.
32.1.2.3 External Event Clock
The TBn pin can be configured to operate as an external event input clock for either of the two 16-bit
counters. This input can be programmed to detect either rising or falling edges. The minimum pulse width
of the external signal is one PCLK Clock cycle. This means that the maximum frequency at which the
counter can run in this mode is one-half of the PCLK Clock frequency. This clock source is not available in
the capture modes (modes 2 and 4) because the TBn pin is used as one of the two capture inputs.
322
Dual Multi-Function Timers
Copyright © 2013, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links :CP3SP33



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com