công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

CP3SP33SMS/NOPB bảng dữ liệu(PDF) 317 Page - Texas Instruments

tên linh kiện CP3SP33SMS/NOPB
Giải thích chi tiết về linh kiện  Connectivity Processor with Cache, DSP, and Bluetooth짰, USB, and Dual CAN Interfaces
PDF  407 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

CP3SP33SMS/NOPB bảng dữ liệu(HTML) 317 Page - Texas Instruments

Back Button CP3SP33SMS/NOPB Datasheet HTML 313Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 314Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 315Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 316Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 317Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 318Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 319Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 320Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 321Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 317 / 407 page
background image
CP3SP33
www.ti.com
SNOSCW5 – MAY 2013
If the TWCFG.WDSDME bit is set, the Watchdog is serviced by writing the value 5Ch to the Watchdog
Service Data Match (WDSDM) register. This reloads the Watchdog counter with the value previously
programmed into the WDCNT register. The counter then continues counting down from that value.
A Watchdog error signal is generated by any of the following events:
•
The Watchdog serviced too late.
•
The Watchdog serviced too often.
•
The WDSDM register is written with a value other than 5Ch when WDSDM type servicing is enabled
(TWCFG.WDSDME = 1).
A Watchdog error condition resets the device.
31.3.1 Register Locking
The Timer and Watchdog Configuration (TWCFG) register is used to set the Watchdog configuration. It
controls the Watchdog clock source (T0IN or T0OUT), the type of Watchdog servicing (using WDCNT or
WDSDM), and the locking state of the TWCFG, TWCPR, TIMER0, T0CSR, and WDCNT registers. A
register that is locked cannot be read or written. A write operation is ignored and a read operation returns
unpredictable results.
If the TWCFG register is itself locked, it remains locked until the device is reset. Any other locked registers
also remain locked until the device is reset. This feature prevents a run- away program from tampering
with the programmed Watchdog function.
31.3.2 Power Save Mode Operation
The Timer and Watchdog Module is active in both the Power Save and Idle modes. The clocks and
counters continue to operate normally in these modes. The WDSDM register is accessible in the Power
Save and Idle modes, but the other TWM registers are accessible only in the Active mode. Therefore,
Watchdog servicing must be carried out using the WDSDM register in the Power Save or Idle mode.
In the Halt mode, the entire device is frozen, including the Timer and Watchdog Module. On return to
Active mode, operation of the module resumes at the point at which it was stopped.
NOTE
After a restart or Watchdog service through WDCNT, do not enter Power Save mode for a
period equivalent to 5 Slow Clock cycles.
31.4 TWM Registers
The TWM registers controls the operation of the Timing and Watchdog Module. There are six such
registers:
Table 31-1. TWM Registers
NAME
ADDRESS
DESCRIPTION
TWCFG
FF A000h
Timer and Watchdog Configuration Register
TWCP
FF A004h
Timer and Watchdog Clock Prescaler Register
TWMT0
FF A008h
TWM Timer 0 Register
T0CSR
FF A00Ch
TWMT0 Control and Status Register
WDCNT
FF A010h
Watchdog Count Register
WDSDM
FF A014h
Watchdog Service Data Match Register
Copyright © 2013, Texas Instruments Incorporated
Timing and Watchdog Module
317
Submit Documentation Feedback
Product Folder Links :CP3SP33



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com