công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

CP3SP33SMS/NOPB bảng dữ liệu(PDF) 302 Page - Texas Instruments

tên linh kiện CP3SP33SMS/NOPB
Giải thích chi tiết về linh kiện  Connectivity Processor with Cache, DSP, and Bluetooth짰, USB, and Dual CAN Interfaces
PDF  407 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

CP3SP33SMS/NOPB bảng dữ liệu(HTML) 302 Page - Texas Instruments

Back Button CP3SP33SMS/NOPB Datasheet HTML 298Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 299Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 300Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 301Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 302Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 303Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 304Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 305Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 306Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 302 / 407 page
background image
CP3SP33
SNOSCW5 – MAY 2013
www.ti.com
29.2.2 Slave Node
A slave device waits in Idle mode for a master to initiate a bus transaction. Whenever the ACB is enabled
with a clear ACBnST.MASTER bit, it acts as a slave device.
Once a Start Condition on the bus is detected, this device checks whether the address sent by the current
master matches either:
•
ACBnADDR.ADDR, if the ACBnADDR.SAEN bit is set.
•
ACBnADDR2.ADDR, if the ACBnADDR2.SAEN bit is set.
•
The general call address, if the ACBnCTL1.GCM bit is set.
•
The global ARP address, if the ACBnCTL3.ARPMEN bit is set.
This match is checked even when the ACBnST.MASTER bit is set. If a bus conflict (on SDAn or SCLn) is
detected, the ACBnST.BER bit is set, the ACBnST.MASTER bit is cleared, and this device continues to
search the received message for a match. If an address match, ARP match, or a global match, is
detected:
1. This device asserts its data pin during the acknowledge cycle.
2. The ACBnCST.MATCH, ACBnCST.MATCHAF (or ACBnCST.GCMTCH if it is a global call address
match, or ACBnCST.ARPMATCH if it is an ARP address), and ACBnST.NMATCH in the ACBnCST
register are set. If the ACBnST.XMIT bit is set (i.e., slave transmit mode), the ACBnST.SDAST bit is
set to indicate that the buffer is empty.
3. If the ACBnCTL1.INTEN bit is set, an interrupt is asserted if both the INTEN and NMINTE bits in the
ACBnCTL1 register are set.
4. Software then reads the ACBnST.XMIT bit to identify the direction requested by the master device. It
clears the ACBnST.NMATCH bit so future byte transfers are identified as data bytes.
29.2.2.1 Slave Receive and Transmit
Slave Receive and Transmit are performed after a match is detected and the data transfer direction is
identified. After a byte transfer, the ACB extends the acknowledge clock until software reads or writes the
ACBnSDA register. The receive and transmit sequence are identical to those used in the master routine.
29.2.2.2 Slave Bus Stall
When operating as a slave, this device stalls the ACCESS.bus by extending the first clock cycle of a
transaction in the following cases:
1. The ACBnST.SDAST bit is set.
2. The ACBnST.NMATCH, and ACBnCTL1.NMINTE bits are set.
29.2.2.3 Slave Error Detections
The ACB detects illegal Start and Stop Conditions on the ACCESS.bus (i.e., a Start or Stop Condition
within the data transfer or the acknowledge cycle). When an illegal Start or Stop Condition is detected, the
BER bit is set and the MATCH and GMATCH bits are cleared, causing the module to be an unaddressed
slave.
29.2.2.4 Power Down
When this device is in Power Save, Idle, or Halt mode, the ACB module is not active but retains its status.
If the ACB is enabled (ACBnCTL2.ENABLE = 1) on detection of a Start Condition, a wake-up signal is
issued to the MIWU module. Use this signal to switch this device to Active mode.
The ACB module cannot check the address byte for a match following the start condition that caused the
wake-up event for this device. The ACB responds with a negative acknowledge, and the device should
resend both the Start Condition and the address after this device has had time to wake up.
302
Dual ACCESS.bus Interfaces
Copyright © 2013, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links :CP3SP33



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com