công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

CP3SP33SMS/NOPB bảng dữ liệu(PDF) 301 Page - Texas Instruments

tên linh kiện CP3SP33SMS/NOPB
Giải thích chi tiết về linh kiện  Connectivity Processor with Cache, DSP, and Bluetooth짰, USB, and Dual CAN Interfaces
PDF  407 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

CP3SP33SMS/NOPB bảng dữ liệu(HTML) 301 Page - Texas Instruments

Back Button CP3SP33SMS/NOPB Datasheet HTML 297Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 298Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 299Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 300Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 301Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 302Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 303Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 304Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 305Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 301 / 407 page
background image
CP3SP33
www.ti.com
SNOSCW5 – MAY 2013
29.2.1.4 Master Stop
A Stop Condition may be issued only when this device is the active bus master (ACBnST.MASTRER = 1).
To end a transaction, set the ACBnCTL1.STOP bit before clearing the current stall bit (i.e., the
ACBnST.SDAST, ACBnST.NEGACK, or ACBnST.STASTR bit). This causes the module to send a Stop
Condition immediately, and clear the ACBnCTL1.STOP bit.
29.2.1.5 Master Bus Stall
The ACB module can stall the ACCESS.bus between trans- fers while waiting for the APB bus master
(CPU, DSP, or DMA controller) response. The ACCESS.bus is stalled by holding the SCLn signal low
after the acknowledge cycle. Note that this is interpreted as the beginning of the following bus operation.
Software must make sure that the next operation is prepared before the bit that causes the bus stall is
cleared.
The bits that can cause a stall in master mode are:
•
Negative acknowledge after sending a byte (ACBnST.NEGACK = 1).
•
ACBnST.SDAST bit is set.
•
If the ACBnCTL1.STASTRE bit is set, after a successful start (ACBnST.STASTR = 1).
29.2.1.6 Repeated Start
A repeated start is performed when this device is already the bus master (ACBnST.MASTER = 1). In this
case, the ACCESS.bus is stalled and the ACB waits for software intervention to handle the condition:
negative acknowledge (ACBnST.NEGACK = 1), empty buffer (ACBnST.SDAST = 1), or a stop-after-start
(ACBnST.STASTR = 1).
For a repeated start:
1. Set the ACBnCTL1.START bit.
2. In master receive mode, read the last data item from the ACBnSDA register.
3. Follow the address send sequence, as described in “Sending the Address Byte” on page 225
4. If the ACB was waiting for handling due to ACBnST.STASTR = 1, clear it only after writing the
requested address and direction to the ACBnSDA register.
29.2.1.7 Master Error Detections
The ACB detects illegal Start or Stop Conditions (i.e., a Start or Stop Condition within the data transfer or
the acknowledge cycle) and a conflict on the data lines of the ACCESS.bus. If an illegal action is detected,
the BER bit is set, and the MASTER mode is exited (the MASTER bit is cleared).
29.2.1.8 Bus Idle Error Recovery
When a request to become the active bus master or a restart operation fails, the ACBnST.BER bit is set to
indicate the error. In some cases, both this device and the other device may identify the failure and leave
the bus idle. In this case, the start sequence may not be completed and the ACCESS.bus may remain
deadlocked.
To recover from deadlock, use the following sequence:
1. Clear the ACBnST.BER and ACBnCST.BB bits.
2. Wait for a timeout period to check that there is no other active master on the bus (i.e., the
ACBnCST.BB bit remains clear).
3. Disable, and re-enable the ACB to put it in the non-ad- dressed slave mode.
4. At this point, some of the slaves may not identify the bus error. To recover, the ACB becomes the bus
master by issuing a Start Condition and sends an address field. Then, it issues a Stop Condition to
synchronize all the slaves.
Copyright © 2013, Texas Instruments Incorporated
Dual ACCESS.bus Interfaces
301
Submit Documentation Feedback
Product Folder Links :CP3SP33



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com