công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AM1705DPTP3 bảng dữ liệu(PDF) 14 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện AM1705DPTP3
Giải thích chi tiết về linh kiện  AM1705 ARM짰 Microprocessor
PDF  165 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

AM1705DPTP3 bảng dữ liệu(HTML) 14 Page - Texas Instruments

Back Button AM1705DPTP3 Datasheet HTML 10Page - Texas Instruments AM1705DPTP3 Datasheet HTML 11Page - Texas Instruments AM1705DPTP3 Datasheet HTML 12Page - Texas Instruments AM1705DPTP3 Datasheet HTML 13Page - Texas Instruments AM1705DPTP3 Datasheet HTML 14Page - Texas Instruments AM1705DPTP3 Datasheet HTML 15Page - Texas Instruments AM1705DPTP3 Datasheet HTML 16Page - Texas Instruments AM1705DPTP3 Datasheet HTML 17Page - Texas Instruments AM1705DPTP3 Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 165 page
background image
AM1705
SPRS657E – FEBRUARY 2010 – REVISED JUNE 2014
www.ti.com
3.6
Terminal Functions
Table 3-3 to Table 3-20 identify the external signal names, the associated pin/ball numbers along with the
mechanical package designator, the pin type (I, O, IO, OZ, or PWR), whether the pin/ball has any internal
pullup/pulldown resistors, whether the pin/ball is configurable as an IO in GPIO mode, and a functional pin
description.
3.6.1
Device Reset and JTAG
Table 3-3. Reset and JTAG Terminal Functions
PIN NO
SIGNAL NAME
TYPE(1)
PULL(2)
DESCRIPTION
PTP
RESET
RESET
146
I
Device reset input
JTAG
TMS
152
I
IPU
JTAG test mode select
TDI
153
I
IPU
JTAG test data input
TDO
156
O
IPD
JTAG test data output
TCK
155
I
IPU
JTAG test clock
TRST
150
I
IPD
JTAG test reset
RTCK / GP7[14]
157
I/O
IPD
JTAG Test Clock Return Clock Output
(1)
I = Input, O = Output, I/O = Bidirectional, Z = High impedance, PWR = Supply voltage, GND = Ground, A = Analog signal.
Note: For multiplexed pins where functions have different types (i.e., input versus output), the table reflects the pin function direction for
that particular peripheral.
(2)
IPD = Internal Pulldown resistor, IPU = Internal Pullup resistor
3.6.2
High-Frequency Oscillator and PLL
Table 3-4. High-Frequency Oscillator and PLL Terminal Functions
PIN NO
SIGNAL NAME
TYPE(1)
PULL(2)
DESCRIPTION
PTP
1.2-V OSCILLATOR
OSCIN
143
I
Oscillator input
OSCOUT
145
O
Oscillator output
OSCVSS
144
GND
Oscillator ground
1.2-V PLL
PLL0_VDDA
141
PWR
PLL analog VDD (1.2-V filtered supply)
PLL0_VSSA
142
GND
PLL analog VSS (for filter)
(1)
I = Input, O = Output, I/O = Bidirectional, Z = High impedance, PWR = Supply voltage, GND = Ground, A = Analog signal.
Note: For multiplexed pins where functions have different types (i.e., input versus output), the table reflects the pin function direction for
that particular peripheral.
(2)
IPD = Internal Pulldown resistor, IPU = Internal Pullup resistor
14
Device Overview
Copyright © 2010–2014, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: AM1705



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com