công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AM1705DPTP3 bảng dữ liệu(PDF) 55 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện AM1705DPTP3
Giải thích chi tiết về linh kiện  AM1705 ARM짰 Microprocessor
PDF  165 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

AM1705DPTP3 bảng dữ liệu(HTML) 55 Page - Texas Instruments

Back Button AM1705DPTP3 Datasheet HTML 51Page - Texas Instruments AM1705DPTP3 Datasheet HTML 52Page - Texas Instruments AM1705DPTP3 Datasheet HTML 53Page - Texas Instruments AM1705DPTP3 Datasheet HTML 54Page - Texas Instruments AM1705DPTP3 Datasheet HTML 55Page - Texas Instruments AM1705DPTP3 Datasheet HTML 56Page - Texas Instruments AM1705DPTP3 Datasheet HTML 57Page - Texas Instruments AM1705DPTP3 Datasheet HTML 58Page - Texas Instruments AM1705DPTP3 Datasheet HTML 59Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 165 page
background image
2
1
GP [ ]asinput
n m
GP [ ]asinput
n m
4
3
2
1
GP [ ]asoutput
n m
AM1705
www.ti.com
SPRS657E – FEBRUARY 2010 – REVISED JUNE 2014
Table 6-8. GPIO Registers (continued)
BYTE ADDRESS
ACRONYM
REGISTER DESCRIPTION
0x01E2 60A8
CLR_FAL_TRIG67
GPIO Banks 6 and 7 Clear Falling Edge Interrupt Register
0x01E2 60AC
INTSTAT67
GPIO Banks 6 and 7 Interrupt Status Register
6.8.2
GPIO Peripheral Input/Output Electrical Data/Timing
Table 6-9. Timing Requirements for GPIO Inputs(1) (see Figure 6-10)
No.
PARAMETER
MIN
MAX
UNIT
1
tw(GPIH)
Pulse duration, GPn[m] as input high
2C(1) (2)
ns
2
tw(GPIL)
Pulse duration, GPn[m] as input low
2C(1) (2)
ns
(1)
The pulse width given is sufficient to generate a CPU interrupt or an EDMA event. However, if a user wants to have the device
recognize the GPIx changes through software polling of the GPIO register, the GPIx duration must be extended to allow the device
enough time to access the GPIO register through the internal bus.
(2)
C=SYSCLK4 period in ns.
Table 6-10. Switching Characteristics Over Recommended Operating Conditions for GPIO Outputs
(see Figure 6-10)
No.
PARAMETER
MIN
MAX
UNIT
3
tw(GPOH)
Pulse duration, GPn[m] as output high
2C(1) (2)
ns
4
tw(GPOL)
Pulse duration, GPn[m] as output low
2C(1) (2)
ns
(1)
This parameter value should not be used as a maximum performance specification. Actual performance of back-to-back accesses of the
GPIO is dependent upon internal bus activity.
(2)
C=SYSCLK4 period in ns.
Figure 6-10. GPIO Port Timing
6.8.3
GPIO Peripheral External Interrupts Electrical Data/Timing
Table 6-11. Timing Requirements for External Interrupts(1) (see Figure 6-11)
No.
PARAMETER
MIN
MAX
UNIT
1
tw(ILOW)
Width of the external interrupt pulse low
2C(1) (2)
ns
2
tw(IHIGH)
Width of the external interrupt pulse high
2C (1) (2)
ns
(1)
The pulse width given is sufficient to generate an interrupt or an EDMA event. However, if a user wants to have device recognize the
GPIO changes through software polling of the GPIO register, the GPIO duration must be extended to allow the device enough time to
access the GPIO register through the internal bus.
(2)
C=SYSCLK4 period in ns.
Figure 6-11. GPIO External Interrupt Timing
Copyright © 2010–2014, Texas Instruments Incorporated
Peripheral Information and Electrical Specifications
55
Submit Documentation Feedback
Product Folder Links: AM1705



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com