công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AM1705DPTP3 bảng dữ liệu(PDF) 64 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện AM1705DPTP3
Giải thích chi tiết về linh kiện  AM1705 ARM짰 Microprocessor
PDF  165 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

AM1705DPTP3 bảng dữ liệu(HTML) 64 Page - Texas Instruments

Back Button AM1705DPTP3 Datasheet HTML 60Page - Texas Instruments AM1705DPTP3 Datasheet HTML 61Page - Texas Instruments AM1705DPTP3 Datasheet HTML 62Page - Texas Instruments AM1705DPTP3 Datasheet HTML 63Page - Texas Instruments AM1705DPTP3 Datasheet HTML 64Page - Texas Instruments AM1705DPTP3 Datasheet HTML 65Page - Texas Instruments AM1705DPTP3 Datasheet HTML 66Page - Texas Instruments AM1705DPTP3 Datasheet HTML 67Page - Texas Instruments AM1705DPTP3 Datasheet HTML 68Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 165 page
background image
AM1705
SPRS657E – FEBRUARY 2010 – REVISED JUNE 2014
www.ti.com
Table 6-19. EMIFA Asynchronous Memory Switching Characteristics(1) (2) (3) (continued)
No.
PARAMETER
MIN
NOM
MAX
UNIT
td(EMWAITH-
Delay time from EMA_WAIT deasserted to
11
3E-3
4E
4E+3
ns
EMOEH)
EMA_OE high
WRITES
(WS+WST+WH)*
(WS+WST+WH)*
EMIF write cycle time (EW = 0)
(WS+WST+WH)*E
ns
E-3
E+3
15
tc(EMWCYCLE)
(WS+WST+WH+E
(WS+WST+WH+EW (WS+WST+WH+
EMIF write cycle time (EW = 1)
ns
WC)*E - 3
C)*E
EWC)*E + 3
Output setup time, EMA_CE[5:2] low to
(WS)*E - 3
(WS)*E
(WS)*E + 3
ns
EMA_WE low (SS = 0)
16
tsu(EMCEL-EMWEL)
Output setup time, EMA_CE[5:2] low to
-3
0
+3
ns
EMA_WE low (SS = 1)
Output hold time, EMA_WE high to
(WH)*E-3
(WH)*E
(WH)*E+3
ns
EMA_CE[5:2] high (SS = 0)
17
th(EMWEH-EMCEH)
Output hold time, EMA_WE high to
-3
0
+3
ns
EMA_CE[5:2] high (SS = 1)
tsu(EMDQMV-
Output setup time, EMA_BA[1:0] valid to
18
(WS)*E-3
(WS)*E
(WS)*E+3
ns
EMWEL)
EMA_WE low
th(EMWEH-
Output hold time, EMA_WE high to
19
(WH)*E-3
(WH)*E
(WH)*E+3
ns
EMDQMIV)
EMA_BA[1:0] invalid
tsu(EMBAV-
Output setup time, EMA_BA[1:0] valid to
20
(WS)*E-3
(WS)*E
(WS)*E+3
ns
EMWEL)
EMA_WE low
Output hold time, EMA_WE high to
21
th(EMWEH-EMBAIV)
(WH)*E-3
(WH)*E
(WH)*E+3
ns
EMA_BA[1:0] invalid
Output setup time, EMA_A[13:0] valid to
22
tsu(EMAV-EMWEL)
(WS)*E-3
(WS)*E
(WS)*E+3
ns
EMA_WE low
Output hold time, EMA_WE high to
23
th(EMWEH-EMAIV)
(WH)*E-3
(WH)*E
(WH)*E+3
ns
EMA_A[13:0] invalid
EMA_WE active low width (EW = 0)
(WST)*E-3
(WST)*E
(WST)*E+3
ns
24
tw(EMWEL)
(WST+EWC)*E+
EMA_WE active low width (EW = 1)
(WST+EWC)*E-3
(WST+EWC)*E
ns
3
td(EMWAITH-
Delay time from EMA_WAIT deasserted to
25
3E-3
4E
4E+3
ns
EMWEH)
EMA_WE high
Output setup time, EMA_D[15:0] valid to
26
tsu(EMDV-EMWEL)
(WS)*E-3
(WS)*E
(WS)*E+3
ns
EMA_WE low
Output hold time, EMA_WE high to
27
th(EMWEH-EMDIV)
(WH)*E-3
(WH)*E
(WH)*E+3
ns
EMA_D[15:0] invalid
64
Peripheral Information and Electrical Specifications
Copyright © 2010–2014, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: AM1705



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com