công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AM1705DPTP3 bảng dữ liệu(PDF) 17 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện AM1705DPTP3
Giải thích chi tiết về linh kiện  AM1705 ARM짰 Microprocessor
PDF  165 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

AM1705DPTP3 bảng dữ liệu(HTML) 17 Page - Texas Instruments

Back Button AM1705DPTP3 Datasheet HTML 13Page - Texas Instruments AM1705DPTP3 Datasheet HTML 14Page - Texas Instruments AM1705DPTP3 Datasheet HTML 15Page - Texas Instruments AM1705DPTP3 Datasheet HTML 16Page - Texas Instruments AM1705DPTP3 Datasheet HTML 17Page - Texas Instruments AM1705DPTP3 Datasheet HTML 18Page - Texas Instruments AM1705DPTP3 Datasheet HTML 19Page - Texas Instruments AM1705DPTP3 Datasheet HTML 20Page - Texas Instruments AM1705DPTP3 Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 165 page
background image
AM1705
www.ti.com
SPRS657E – FEBRUARY 2010 – REVISED JUNE 2014
3.6.5
Serial Peripheral Interface Modules (SPI0, SPI1)
Table 3-7. Serial Peripheral Interface (SPI) Terminal Functions
PIN NO
SIGNAL NAME
TYPE(1)
PULL(2)
MUXED
DESCRIPTION
PTP
SPI0
UART0, EQEP0B,
SPI0_SCS[0] /UART0_RTS/EQEP0B/GP5[4]/BOOT[4]
9
I/O
IPU
SPI0 chip select
GPIO, BOOT
UART0, EQEP0A,
SPI0_ENA /UART0_CTS/EQEP0A/GP5[3]/BOOT[3]
12
I/O
IPU
SPI0 enable
GPIO, BOOT
SPI0_CLK/EQEP1I/GP5[2]/BOOT[2]
11
I/O
IPD
eQEP1, GPIO, BOOT
SPI0 clock
SPI0 data slave-in-
SPI0_SIMO[0]/EQEP0S/GP5[1]/BOOT[1]
18
I/O
IPD
master-out
eQEP0, GPIO, BOOT
SPI0 data slave-
SPI0_SOMI[0]/EQEP0I/GP5[0]/BOOT[0]
17
I/O
IPD
out-master-in
SPI1
SPI1_SCS[0] /UART2_TXD/GP5[13]
8
I/O
IPU
SPI1 chip select
UART2, GPIO
SPI1_ENA /UART2_RXD/GP5[12]
7
I/O
IPU
SPI1 enable
SPI1_CLK/EQEP1S/GP5[7]/BOOT[7]
16
I/O
IPD
eQEP1, GPIO, BOOT
SPI1 clock
SPI1 data slave-in-
SPI1_SIMO[0]/I2C1_SDA/GP5[6]/BOOT[6]
14
I/O
IPU
master-out
I2C1, GPIO, BOOT
SPI1 data slave-
SPI1_SOMI[0]/I2C1_SCL/GP5[5]/BOOT[5]
13
I/O
IPU
out-master-in
(1)
I = Input, O = Output, I/O = Bidirectional, Z = High impedance, PWR = Supply voltage, GND = Ground, A = Analog signal.
Note: The pin type shown refers to the input, output or high-impedance state of the pin function when configured as the the signal name
highlighted in bold. All multiplexed signals may enter a high-impedance state when the configured function is input-only or the configured
function supports high-Z operation. All GPIO signals can be used as input or output. For multiplexed pins where functions have different
types (i.e., input versus output), the table reflects the pin function direction for that particular peripheral.
(2)
IPD = Internal Pulldown resistor, IPU = Internal Pullup resistor
Copyright © 2010–2014, Texas Instruments Incorporated
Device Overview
17
Submit Documentation Feedback
Product Folder Links: AM1705



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com