công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AM1705DPTP3 bảng dữ liệu(PDF) 27 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện AM1705DPTP3
Giải thích chi tiết về linh kiện  AM1705 ARM짰 Microprocessor
PDF  165 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

AM1705DPTP3 bảng dữ liệu(HTML) 27 Page - Texas Instruments

Back Button AM1705DPTP3 Datasheet HTML 23Page - Texas Instruments AM1705DPTP3 Datasheet HTML 24Page - Texas Instruments AM1705DPTP3 Datasheet HTML 25Page - Texas Instruments AM1705DPTP3 Datasheet HTML 26Page - Texas Instruments AM1705DPTP3 Datasheet HTML 27Page - Texas Instruments AM1705DPTP3 Datasheet HTML 28Page - Texas Instruments AM1705DPTP3 Datasheet HTML 29Page - Texas Instruments AM1705DPTP3 Datasheet HTML 30Page - Texas Instruments AM1705DPTP3 Datasheet HTML 31Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 165 page
background image
AM1705
www.ti.com
SPRS657E – FEBRUARY 2010 – REVISED JUNE 2014
3.6.16 Multimedia Card/Secure Digital (MMC/SD)
Table 3-18. Multimedia Card/Secure Digital (MMC/SD) Terminal Functions
PIN
NO
SIGNAL NAME
TYPE(1)
PULL(2)
MUXED
DESCRIPTION
PTP
EMA_A[1]/MMCSD_CLK/GP1[1]
30
O
IPU
MMCSD Clock
EMIFA, GPIO
EMA_A[2]/MMCSD_CMD/GP1[2]
31
I/O
IPU
MMCSD Command
EMA_D[7]/MMCSD_DAT[7]/GP0[7]/BOOT[13]
54
I/O
IPU
EMIFA, GPIO, BOOT
EMA_D[6]/MMCSD_DAT[6]/GP0[6]
52
I/O
IPU
EMA_D[5]/MMCSD_DAT[5]/GP0[5]
51
I/O
IPU
EMA_D[4]/MMCSD_DAT[4]/GP0[4]
49
I/O
IPU
EMIFA, GPIO
MMC/SD data
EMA_D[3]/MMCSD_DAT[3]/GP0[3]
48
I/O
IPU
EMA_D[2]/MMCSD_DAT[2]/GP0[2]
46
I/O
IPU
EMA_D[1]/MMCSD_DAT[1]/GP0[1]
45
I/O
IPU
EMA_D[0]/MMCSD_DAT[0]/GP0[0]/BOOT[12]
44
I/O
IPU
EMIFA, GPIO, BOOT
(1)
I = Input, O = Output, I/O = Bidirectional, Z = High impedance, PWR = Supply voltage, GND = Ground, A = Analog signal.
Note: The pin type shown refers to the input, output or high-impedance state of the pin function when configured as the the signal name
highlighted in bold. All multiplexed signals may enter a high-impedance state when the configured function is input-only or the configured
function supports high-Z operation. All GPIO signals can be used as input or output. For multiplexed pins where functions have different
types (i.e., input versus output), the table reflects the pin function direction for that particular peripheral.
(2)
IPD = Internal Pulldown resistor, IPU = Internal Pullup resistor
3.6.17 Reserved and No Connect
Table 3-19. Reserved and No Connect Terminal Functions
PIN NO
SIGNAL NAME
TYPE(1)
DESCRIPTION
PTP
Reserved. For proper device operation, this pin must be tied directly to
RSV2
133
-
CVDD.
Reserved. For proper device operation, this pin must be tied directly to
RSV3
149
PWR
CVDD or left unconnected [do not connect to ground (VSS)].
Reserved. For proper device operation, this pin must be tied low or to
RSV4
148
I
CVDD.
NC
136
-
No Connect (leave unconnected)
NC
139
-
No Connect (leave unconnected)
(1)
PWR = Supply voltage.
Copyright © 2010–2014, Texas Instruments Incorporated
Device Overview
27
Submit Documentation Feedback
Product Folder Links: AM1705



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com