công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AM1705DPTP3 bảng dữ liệu(PDF) 43 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện AM1705DPTP3
Giải thích chi tiết về linh kiện  AM1705 ARM짰 Microprocessor
PDF  165 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

AM1705DPTP3 bảng dữ liệu(HTML) 43 Page - Texas Instruments

Back Button AM1705DPTP3 Datasheet HTML 39Page - Texas Instruments AM1705DPTP3 Datasheet HTML 40Page - Texas Instruments AM1705DPTP3 Datasheet HTML 41Page - Texas Instruments AM1705DPTP3 Datasheet HTML 42Page - Texas Instruments AM1705DPTP3 Datasheet HTML 43Page - Texas Instruments AM1705DPTP3 Datasheet HTML 44Page - Texas Instruments AM1705DPTP3 Datasheet HTML 45Page - Texas Instruments AM1705DPTP3 Datasheet HTML 46Page - Texas Instruments AM1705DPTP3 Datasheet HTML 47Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 165 page
background image
C2
C1
X1
OSCOUT
OSCIN
OSCVSS
ClockInput
toPLL
AM1705
www.ti.com
SPRS657E – FEBRUARY 2010 – REVISED JUNE 2014
6.5
Crystal Oscillator or External Clock Input
The device includes two choices to provide an external clock input, which is fed to the on-chip PLL to
generate high-frequency system clocks. These options are illustrated in Figure 6-6 and Figure 6-7. For
input clock frequencies between 12 and 20 MHz, a crystal with 80 ohm max ESR is recommended. For
input clock frequencies between 20 and 30 MHz, a crystal with 60 ohm max ESR is recommended.
Typical load capacitance values are 10-20 pF, where the load capacitance is the series combination of C1
and C2.
The CLKMODE bit in the PLLCTL register must be 0 to use the on-chip oscillator. If CLKMODE is set to 1,
the internal oscillator is disabled.
•
Figure 6-6 illustrates the option that uses on-chip 1.2V oscillator with external crystal circuit.
•
Figure 6-7 illustrates the option that uses an external 1.2V clock input.
Figure 6-6. On-Chip 1.2V Oscillator
Table 6-2. Oscillator Timing Requirements
PARAMETER
MIN
MAX
UNIT
fosc
Oscillator frequency range (OSCIN/OSCOUT)
12
30
MHz
Copyright © 2010–2014, Texas Instruments Incorporated
Peripheral Information and Electrical Specifications
43
Submit Documentation Feedback
Product Folder Links: AM1705



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com