công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AM1705DPTP3 bảng dữ liệu(PDF) 37 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện AM1705DPTP3
Giải thích chi tiết về linh kiện  AM1705 ARM짰 Microprocessor
PDF  165 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

AM1705DPTP3 bảng dữ liệu(HTML) 37 Page - Texas Instruments

Back Button AM1705DPTP3 Datasheet HTML 33Page - Texas Instruments AM1705DPTP3 Datasheet HTML 34Page - Texas Instruments AM1705DPTP3 Datasheet HTML 35Page - Texas Instruments AM1705DPTP3 Datasheet HTML 36Page - Texas Instruments AM1705DPTP3 Datasheet HTML 37Page - Texas Instruments AM1705DPTP3 Datasheet HTML 38Page - Texas Instruments AM1705DPTP3 Datasheet HTML 39Page - Texas Instruments AM1705DPTP3 Datasheet HTML 40Page - Texas Instruments AM1705DPTP3 Datasheet HTML 41Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 165 page
background image
AM1705
www.ti.com
SPRS657E – FEBRUARY 2010 – REVISED JUNE 2014
5.5
Electrical Characteristics Over Recommended Ranges of Supply Voltage and
Operating Junction Temperature (Unless Otherwise Noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
DVDD= 3.15V, IOH = -4 mA
2.4
V
VOH
(1)
High-level output voltage (3.3V I/O)
DVDD= 3.15V, IOH = 100 μA
2.95
V
DVDD= 3.15V, IOL = 4mA
0.4
V
VOL
(1)
Low-level output voltage (3.3V I/O)
DVDD= 3.15V, IOL = -100 μA
0.2
V
VI = VSS to DVDD without opposing
±35
μA
internal resistor
II
(2) (1)
Input current
VI = VSS to DVDD with opposing
-30
-200
μA
internal pullup resistor (3)
VI = VSS to DVDD with opposing
50
300
μA
internal pulldown resistor (3)
IOH
(1)
High-level output current
-4
mA
IOL
(1)
Low-level output current
4
mA
IOZ
(4)
I/O Off-state output current
VO = VDD or VSS; Internal pull disabled
±35
μA
LVCMOS signals
3
pF
CI
Input capacitance
OSCIN
2
pF
CO
Output capacitance
LVCMOS signals
3
pF
(1)
These I/O specifications apply to regular 3.3V IOs and do not apply to USB0 unless specifically indicated. USB0 I/Os adhere to the USB
2.0 specification.
(2)
II applies to input-only pins and bi-directional pins. For input-only pins, II indicates the input leakage current. For bi-directional pins, II
indicates the input leakage current and off-state (Hi-Z) output leakage current.
(3)
Applies only to pins with an internal pullup (IPU) or pulldown (IPD) resistor.
(4)
IOZ applies to output-only pins, indicating off-state (Hi-Z) output leakage current.
Copyright © 2010–2014, Texas Instruments Incorporated
Device Operating Conditions
37
Submit Documentation Feedback
Product Folder Links: AM1705



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com