công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TMP320C2811PBKA bảng dữ liệu(PDF) 51 Page - Texas Instruments

tên linh kiện TMP320C2811PBKA
Giải thích chi tiết về linh kiện  TMS320R2811, TMS320R2812 Digital Signal Processors
PDF  147 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

TMP320C2811PBKA bảng dữ liệu(HTML) 51 Page - Texas Instruments

Back Button TMP320C2811PBKA Datasheet HTML 47Page - Texas Instruments TMP320C2811PBKA Datasheet HTML 48Page - Texas Instruments TMP320C2811PBKA Datasheet HTML 49Page - Texas Instruments TMP320C2811PBKA Datasheet HTML 50Page - Texas Instruments TMP320C2811PBKA Datasheet HTML 51Page - Texas Instruments TMP320C2811PBKA Datasheet HTML 52Page - Texas Instruments TMP320C2811PBKA Datasheet HTML 53Page - Texas Instruments TMP320C2811PBKA Datasheet HTML 54Page - Texas Instruments TMP320C2811PBKA Datasheet HTML 55Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 147 page
background image
Peripherals
51
June 2004
SPRS257
In R281x devices, the timer interrupt signals (TINT0, TINT1, TINT2) are connected as shown in Figure 4−2.
INT1
to
INT12
INT14
C28x
TINT2
TINT0
PIE
CPU-TIMER 0
CPU-TIMER 2
Reserved RTOS
(DSP/BIOS)
INT13
TINT1
CPU-TIMER 1
XINT13
NOTES: A. The timer registers are connected to the Memory Bus of the C28x processor.
B. The timing of the timers is synchronized to SYSCLKOUT of the processor clock.
Figure 4−2. CPU-Timer Interrupts Signals and Output Signal (See Notes A and B)
The general operation of the timer is as follows: The 32-bit counter register “TIMH:TIM” is loaded with the value
in the period register “PRDH:PRD”. The counter register, decrements at the SYSCLKOUT rate of the C28x.
When the counter reaches 0, a timer interrupt output signal generates an interrupt pulse. The registers listed
in Table 4−1 are used to configure the timers. For more information, see the TMS320F28x System Control
and Interrupts Reference Guide
(literature number SPRU078).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com