công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

UPSD3312D bảng dữ liệu(PDF) 224 Page - STMicroelectronics

tên linh kiện UPSD3312D
Giải thích chi tiết về linh kiện  fast 8032 MCU with programmable logic
PDF  272 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UPSD3312D bảng dữ liệu(HTML) 224 Page - STMicroelectronics

Back Button UPSD3312D Datasheet HTML 220Page - STMicroelectronics UPSD3312D Datasheet HTML 221Page - STMicroelectronics UPSD3312D Datasheet HTML 222Page - STMicroelectronics UPSD3312D Datasheet HTML 223Page - STMicroelectronics UPSD3312D Datasheet HTML 224Page - STMicroelectronics UPSD3312D Datasheet HTML 225Page - STMicroelectronics UPSD3312D Datasheet HTML 226Page - STMicroelectronics UPSD3312D Datasheet HTML 227Page - STMicroelectronics UPSD3312D Datasheet HTML 228Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 224 / 272 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
Obsolete
Product(s)
- Obsolete
Product(s)
PSD module
UPSD33xx
224/272
Doc ID 9685 Rev 7
27.4.51
Power management
The PSD module offers configurable power saving options. These options may be used
individually or in combinations. A top level description for these functions is given here, then
more detailed descriptions will follow.
Zero-Power memory
All memory arrays (Flash and SRAM) in the PSD module are built with zero-power
technology, which puts the memories into standby mode (~ zero DC current) when 8032
address signals are not changing. As soon as a transition occurs on any address input, the
affected memory “wakes up”, changes and latches its outputs, then goes back to standby.
The designer does not have to do anything special to achieve this memory standby mode
when no inputs are changing—it happens automatically. Thus, the slower the 8032 clock,
the lower the current consumption.
Both PLDs (DPLD and GPLD) are also zero-power, but this is not the default condition. The
8032 must set a bit in one of the csiop PMMR registers at run-time to achieve zero-power.
Automatic Power-down (APD)
The APD feature allows the PSD module to reach it’s lowest current consumption levels. If
enabled, the APD counter will timeout when there is a lack of 8032 bus activity for an
extended amount of time (8032 asleep). After timeout occurs, all 8032 address and data
buffers on the PSD module are shut down, preventing the PSD module memories and
potentially the PLDs from waking up from standby, even if address inputs are changing state
because of noise or any external components driving the address lines. Since the actual
address and data buffers are turned off, current consumption is even further reduced.
The APD counter requires a relatively slow external clock input on pin PD1 that does stop
when the 8032 goes to sleep mode.
Note:
Non-address signals are still available to PLD inputs and will wake up the PLDs if these
signals are changing state, but will not wake up the memories.
Forced Power-down (FPD)
The MCU can put the PSD module into Power-down mode with the same results as using
APD described above, but FPD does not rely on the APD counter. Instead, FPD will force
the PSD module into Power-down mode when the MCU firmware sets a bit in one of the
csiop PMMR registers. This is a good alternative to APD because no external clock is
needed for the APD counter.
PSD module Chip Select Input (CSI)
This input on pin PD2 (80-pin devices only) can be used to disable the internal memories,
placing them in standby mode even if address inputs are changing. This feature does not
block any internal signals (the address and data buffers are still on but signals are ignored)
and CSI does not disable the PLDs. This is a good alternative to using the APD counter,
which requires an external clock on pin PD1.
Non-Turbo mode
The PLDs can operate in Turbo or non-Turbo modes. Turbo mode has the shortest signal
propagation delay, but consumes more current than non-Turbo mode. A csiop register can
be written by the 8032 to select modes, the default mode is with Turbo mode enabled. In
non-Turbo mode, the PLDs can achieve very low standby current (~ zero DC current) while



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com