công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

UPSD3312D bảng dữ liệu(PDF) 81 Page - STMicroelectronics

tên linh kiện UPSD3312D
Giải thích chi tiết về linh kiện  fast 8032 MCU with programmable logic
PDF  272 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UPSD3312D bảng dữ liệu(HTML) 81 Page - STMicroelectronics

Back Button UPSD3312D Datasheet HTML 77Page - STMicroelectronics UPSD3312D Datasheet HTML 78Page - STMicroelectronics UPSD3312D Datasheet HTML 79Page - STMicroelectronics UPSD3312D Datasheet HTML 80Page - STMicroelectronics UPSD3312D Datasheet HTML 81Page - STMicroelectronics UPSD3312D Datasheet HTML 82Page - STMicroelectronics UPSD3312D Datasheet HTML 83Page - STMicroelectronics UPSD3312D Datasheet HTML 84Page - STMicroelectronics UPSD3312D Datasheet HTML 85Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 81 / 272 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
Obsolete
Product(s)
- Obsolete
Product(s)
UPSD33xx
I/O ports of MCU module
Doc ID 9685 Rev 7
81/272
Table 35.
P3: I/O Port 3 register (SFR B0h, reset value FFh)
Table 36.
P3 register bit definition
Table 37.
P4: I/O Port 4 register (SFR C0h, reset value FFh)
Table 38.
P4 register bit definition
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
P3.7
P3.6
P3.5
P3.4
P3.3
P3.2
P3.1
P3.0
Bit
Symbol
R/W
Function(1)
1.
Write '1' or '0' for pin output. Read for pin input, but prior to READ, this bit must have been set to '1' by
firmware or by a reset event.
7P3.7
R,W
Port pin 3.7
6P3.6
R,W
Port pin 3.6
5P3.5
R,W
Port pin 3.5
4P3.4
R,W
Port pin 3.4
3P3.3
R,W
Port pin 3.3
2P3.2
R,W
Port pin 3.2
1P3.1
R,W
Port pin 3.1
0P3.0
R,W
Port pin 3.0
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
P4.7
P4.6
P4.5
P4.4
P4.3
P4.2
P4.1
P4.0
Bit
Symbol
R/W
Function(1)
1.
Write '1' or '0' for pin output. Read for pin input, but prior to READ, this bit must have been set to '1' by
firmware or by a reset event.
7P4.7
R,W
Port pin 4.7
6P4.6
R,W
Port pin 4.6
5P4.5
R,W
Port pin 4.5
4P4.4
R,W
Port pin 4.4
3P4.3
R,W
Port pin 4.3
2P4.2
R,W
Port pin 4.2
1P4.1
R,W
Port pin 4.1
0P4.0
R,W
Port pin 4.0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com