| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
UPSD3312D bảng dữ liệu(PDF) 52 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
UPSD3312D bảng dữ liệu(HTML) 52 Page - STMicroelectronics |
|
52 / 272 page ![]() Obsolete Product(s) - Obsolete Product(s) Obsolete Product(s) - Obsolete Product(s) UPSD33xx instruction set summary UPSD33xx 52/272 Doc ID 9685 Rev 7 XRL A, @Ri Exclusive-OR indirect SRAM to ACC 1 byte/1 cycle XRL A, #data Exclusive-OR immediate data to ACC 2 byte/1 cycle XRL direct, A Exclusive-OR ACC to direct byte 2 byte/1 cycle XRL direct, #data Exclusive-OR immediate data to direct byte 3 byte/2 cycle CLR A Clear ACC 1 byte/1 cycle CPL A Compliment ACC 1 byte/1 cycle RL A Rotate ACC left 1 byte/1 cycle RLC A Rotate ACC left through the carry 1 byte/1 cycle RR A Rotate ACC right 1 byte/1 cycle RRC A Rotate ACC right through the carry 1 byte/1 cycle 1. All mnemonics copyrighted ©Intel Corporation 1980. Table 8. Data transfer instruction set Mnemonic(1) and use Description Length/cycles MOV A, Rn Move register to ACC 1 byte/1 cycle MOV A, direct Move direct byte to ACC 2 byte/1 cycle MOV A, @Ri Move indirect SRAM to ACC 1 byte/1 cycle MOV A, #data Move immediate data to ACC 2 byte/1 cycle MOV Rn, A Move ACC to register 1 byte/1 cycle MOV Rn, direct Move direct byte to register 2 byte/2 cycle MOV Rn, #data Move immediate data to register 2 byte/1 cycle MOV direct, A Move ACC to direct byte 2 byte/1 cycle MOV direct, Rn Move register to direct byte 2 byte/2 cycle MOV direct, direct Move direct byte to direct 3 byte/2 cycle MOV direct, @Ri Move indirect SRAM to direct byte 2 byte/2 cycle MOV direct, #data Move immediate data to direct byte 3 byte/2 cycle MOV @Ri, A Move ACC to indirect SRAM 1 byte/1 cycle Table 7. Logical instruction set (continued) Mnemonic(1) and use Description Length/cycles |