| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
UPSD3312D bảng dữ liệu(PDF) 53 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
UPSD3312D bảng dữ liệu(HTML) 53 Page - STMicroelectronics |
|
53 / 272 page ![]() Obsolete Product(s) - Obsolete Product(s) Obsolete Product(s) - Obsolete Product(s) UPSD33xx UPSD33xx instruction set summary Doc ID 9685 Rev 7 53/272 MOV @Ri, direct Move direct byte to indirect SRAM 2 byte/2 cycle MOV @Ri, #data Move immediate data to indirect SRAM 2 byte/1 cycle MOV DPTR, #data16 Load Data Pointer with 16-bit constant 3 byte/2 cycle MOVC A, @A+DPTR Move code byte relative to DPTR to ACC 1 byte/2 cycle MOVC A, @A+PC Move code byte relative to PC to ACC 1 byte/2 cycle MOVX A, @Ri Move XDATA (8-bit addr) to ACC 1 byte/2 cycle MOVX A, @DPTR Move XDATA (16-bit addr) to ACC 1 byte/2 cycle MOVX @Ri, A Move ACC to XDATA (8-bit addr) 1 byte/2 cycle MOVX @DPTR, A Move ACC to XDATA (16-bit addr) 1 byte/2 cycle PUSH direct Push direct byte onto stack 2 byte/2 cycle POP direct Pop direct byte from stack 2 byte/2 cycle XCH A, Rn Exchange register with ACC 1 byte/1 cycle XCH A, direct Exchange direct byte with ACC 2 byte/1 cycle XCH A, @Ri Exchange indirect SRAM with ACC 1 byte/1 cycle XCHD A, @Ri Exchange low-order digit indirect SRAM with ACC 1 byte/1 cycle 1. All mnemonics copyrighted ©Intel Corporation 1980. Table 9. Boolean variable manipulation instruction set Mnemonic(1) and use Description Length/cycles CLR C Clear carry 1 byte/1 cycle CLR bit Clear direct bit 2 byte/1 cycle SETB C Set carry 1 byte/1 cycle SETB bit Set direct bit 2 byte/1 cycle CPL C Compliment carry 1 byte/1 cycle CPL bit Compliment direct bit 2 byte/1 cycle Table 8. Data transfer instruction set (continued) Mnemonic(1) and use Description Length/cycles |