công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

UPSD3312D bảng dữ liệu(PDF) 98 Page - STMicroelectronics

tên linh kiện UPSD3312D
Giải thích chi tiết về linh kiện  fast 8032 MCU with programmable logic
PDF  272 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UPSD3312D bảng dữ liệu(HTML) 98 Page - STMicroelectronics

Back Button UPSD3312D Datasheet HTML 94Page - STMicroelectronics UPSD3312D Datasheet HTML 95Page - STMicroelectronics UPSD3312D Datasheet HTML 96Page - STMicroelectronics UPSD3312D Datasheet HTML 97Page - STMicroelectronics UPSD3312D Datasheet HTML 98Page - STMicroelectronics UPSD3312D Datasheet HTML 99Page - STMicroelectronics UPSD3312D Datasheet HTML 100Page - STMicroelectronics UPSD3312D Datasheet HTML 101Page - STMicroelectronics UPSD3312D Datasheet HTML 102Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 98 / 272 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
Obsolete
Product(s)
- Obsolete
Product(s)
Standard 8032 timer/counters
UPSD33xx
98/272
Doc ID 9685 Rev 7
Figure 21.
Timer/Counter Mode 0: 13-bit counter
Figure 22.
Timer/Counter Mode 2: 8-bit Auto-reload
3GATE
R,W
Timer 0
Gate control.
When GATE = 1, T/C is enabled only while pin
EXTINT0 is '1' and the flag TR0 is '1.' When GATE
= 0, T/C is enabled whenever the flag TR0 is '1.'
2C/T
R,W
Counter or Timer function select.
When C/T = 0, function is timer, clocked by
internal clock. C/T = 1, function is counter, clocked
by signal sampled on external pin, C0.
[1:0]
M[1:0]
R,W
Mode Select.
00b = 13-bit T/C. 8 bits in TH0 with TL0 as 5-bit
pre-scaler.
01b = 16-bit T/C. TH0 and TL0 are cascaded. No
pre-scaler.
10b = 8-bit auto-reload T/C. TH0 holds a constant
and loads into TL0 upon overflow.
11b = TL0 is 8-bit T/C controlled by standard
Timer 0 control bits. TH0 is a separate 8-bit timer
that uses Timer 1 control bits.
Table 57.
TMOD register bit definition (continued)
Bit
Symbol
R/W
Timer
Definition (T/C is abbreviation for
timer/counter)
AI06622
fOSC
TF1
Interrupt
Gate
TR1
EXTINT1 pin
C1 pin
Control
TL1
(5 bits)
TH1
(8 bits)
C/T = 0
C/T = 1
÷ 12
AI06623
fOSC
TF1
Interrupt
Gate
TR1
EXTINT1 pin
C1 pin
Control
TL1
(8 bits)
TH1
(8 bits)
C/T = 0
C/T = 1
÷ 12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com