công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

M30622ECTFP bảng dữ liệu(PDF) 183 Page - Mitsubishi Electric Semiconductor

tên linh kiện M30622ECTFP
Giải thích chi tiết về linh kiện  SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
PDF  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MITSUBISHI [Mitsubishi Electric Semiconductor]
Trang chủ  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M30622ECTFP bảng dữ liệu(HTML) 183 Page - Mitsubishi Electric Semiconductor

Back Button M30622ECTFP Datasheet HTML 176Page - Mitsubishi Electric Semiconductor M30622ECTFP Datasheet HTML 177Page - Mitsubishi Electric Semiconductor M30622ECTFP Datasheet HTML 178Page - Mitsubishi Electric Semiconductor M30622ECTFP Datasheet HTML 179Page - Mitsubishi Electric Semiconductor M30622ECTFP Datasheet HTML 180Page - Mitsubishi Electric Semiconductor M30622ECTFP Datasheet HTML 181Page - Mitsubishi Electric Semiconductor M30622ECTFP Datasheet HTML 182Page - Mitsubishi Electric Semiconductor M30622ECTFP Datasheet HTML 183Page - Mitsubishi Electric Semiconductor M30622ECTFP Datasheet HTML 184Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 183 / 184 page
background image
183
Tentative Specifications REV.A
Mitsubishi microcomputers
M16C / 62T Group
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
Specifications in this manual are tentative and subject to change.
Under
development
Differences between M16C/62T group and M16C/61T group
Group
M16C/62T group
M16C/61T group
Serial I/O
UART/clocked SI/O · · · · · 3 channel
(80-pin package: One of exclusive UART)
Clocked SI/O · · · · · · · · · · 2 channel
(80-pin package: One of exclusive transmission)
UART/clocked SI/O · · · · · 3 channels
(80-pin package: One of exclusive UART)
Port function
P90 · · · · · TB0IN/CLK3
P91 · · · · · TB1IN/SIN3
P92 · · · · · TB2IN/SOUT3
P93 · · · · · TB3IN/DA0
P94 · · · · · TB4IN/DA1
P95 · · · · · ANEX0/CLK4
P96 · · · · · ANEX1/SOUT4
P97 · · · · · ADTRG/SIN4
P15 · · · · · D13/INT3
P16 · · · · · D14/INT4
P17 · · · · · D15/INT5
P71 · · · · · RXD2/TA0IN/TB5IN
P90 · · · · · TB0IN
P91 · · · · · TB1IN
P92 · · · · · TB2IN
P93 · · · · · DA0
P94 · · · · · DA1
P95 · · · · · ANEX0
P96 · · · · · ANEX1
P97 · · · · · ADTRG
P15 · · · · · D13
P16 · · · · · D14
P17 · · · · · D15
P71 · · · · · RXD2/TA0IN
Interrupt cause
Internal 20 sources
External 5 sources
Software 4 sources
Internal 25 sources, External 8 sources
(80-pin package: 5 sources),
Software 4 sources
(Added 2 Serial I/O, 3 timers and
3external interrupts (Note 2))
Three-phase inverter
control circuit
PWM output for three-phase inverter
can be performed using timer A4, A1
and A2.
Output port is arranged to P72 to P75,
P80 and P81.
Impossible
IIC bus mode
UART2 used
IIC bus interface can be performed
with software
Impossible
Memory space (Note 1)
Memory expansion is possible
1.2M bytes mode
4M bytes mode
1M byte fixed
Timer B
6 channels
3 channels
Chip select
CS0 : 3000016 to FFFFF16
CS1 : 2800016 to 2FFFF16
CS2 : 0800016 to 27FFF16
CS3 : 0400016 to 07FFF16
M16C/61T type (wrinting the right) and
the type as below can be switched
(Besides 4M-byte mode is possible.)
CS0 : 0400016 to 3FFFF16 (fetch)
4000016 to FFFFF16 (data/facth)
CS1 : 2800016 to 2FFFF16 (data)
CS2 : 0800016 to 27FFF16 (data)
CS3 : 0400016 to 07FFF16 (data)
Read port P1
By setting to register, the state of port
register can be read always.
The state of port when input mode.
The state of port register when output
mode.
P44/CS0 - P47/CS3
If a Vcc level is applied to the CNVss
pin, bit 2 (PU11) of pull-up control
register 1 turns to "1" when reset, and
P44/ CS0 - P47/ CS3 turn involved in
pull-up.
Bit 2 (PU11) of the pull-up control
register 1 turns to "0" when reset, and
P44/ CS0 - P47/ CS3 turn free from pull-
up.
(Note 2)
(Note 2)
(Note 2)
(Note 2)
(Note 2)
(Note 2)
(Note 1) (Note 2)
(Note 2)
(Note 2)
(Note 1) (Note 2)
Note 1: M16C/61T group, and M16C/62T group are not guaranteed operating of memory expansion, but it is
mentioned in the table for clear the difference of capacity.
Note 2: In 80-pin package(M30613, M30623), pins of a part are not connected to the external pin, so do not
use these functions and pins.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com