công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

M30622ECTFP bảng dữ liệu(PDF) 106 Page - Mitsubishi Electric Semiconductor

tên linh kiện M30622ECTFP
Giải thích chi tiết về linh kiện  SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
PDF  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MITSUBISHI [Mitsubishi Electric Semiconductor]
Trang chủ  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M30622ECTFP bảng dữ liệu(HTML) 106 Page - Mitsubishi Electric Semiconductor

Back Button M30622ECTFP Datasheet HTML 102Page - Mitsubishi Electric Semiconductor M30622ECTFP Datasheet HTML 103Page - Mitsubishi Electric Semiconductor M30622ECTFP Datasheet HTML 104Page - Mitsubishi Electric Semiconductor M30622ECTFP Datasheet HTML 105Page - Mitsubishi Electric Semiconductor M30622ECTFP Datasheet HTML 106Page - Mitsubishi Electric Semiconductor M30622ECTFP Datasheet HTML 107Page - Mitsubishi Electric Semiconductor M30622ECTFP Datasheet HTML 108Page - Mitsubishi Electric Semiconductor M30622ECTFP Datasheet HTML 109Page - Mitsubishi Electric Semiconductor M30622ECTFP Datasheet HTML 110Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 106 / 184 page
background image
106
Tentative Specifications REV.A
Mitsubishi microcomputers
M16C / 62T Group
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
Specifications in this manual are tentative and subject to change.
Under
development
Timers’ functions for three-phase motor control
Triangular wave modulation
To generate a PWM waveform of triangular wave modulation, set “0” in the modulation mode select bit
(bit 6 at 034816). Also, set “1” in the timers A4-1, A1-1, A2-1 control bit (bit 1 at 034916). In this mode, each
of timers A4, A1, and A2 has two timer registers, and alternately reloads the timer register’s content to the
counter every time timer B2 counter’s content becomes 000016. If “1” is set to the effective interrupt
output specification bit (bit 1 at 034816), the frequency of interrupt requests that occur every time the timer
B2 counter’s value becomes 000016 can be set by use of the timer B2 counter (034D16) for setting the
frequency of interrupt occurrences. The frequency of occurrences is given by (setting; setting
≠ 0).
Setting “1” in the effective interrupt output specification bit (bit 1 at 034816) provides the means to choose
which value of the timer A1 reload control signal to use, “0” or “1”, to cause timer B2’s interrupt request to
occur. To make this selection, use the effective interrupt output polarity selection bit (bit 0 at 034816).
An example of U phase waveform is shown in Figure 1.18.6, and the description of waveform output
workings is given below. Set “1” in DU0 (bit 0 at 034A16). And set “0” in DUB0 (bit 1 at 034A16). In
addition, set “0” in DU1 (bit 0 at 034B16) and set “1” in DUB1 (bit 1 at 034B16). Also, set “0” in the effective
interrupt output specification bit (bit 1 at 034816) to set a value in the timer B2 interrupt occurrence
frequency set counter. By this setting, a timer B2 interrupt occurs when the timer B2 counter’s content
becomes 000016 as many as (setting) times. Furthermore, set “1” in the effective interrupt output specifi-
cation bit (bit 1 at 034816), set in the effective interrupt polarity select bit (bit 0 at 034816) and set "1" in the
interrupt occurrence frequency set counter(034D16). These settings cause a timer B2 interrupt to occur
every other interval when the U phase output goes to “H”.
When the timer B2 counter’s content becomes 000016, timer A4 starts outputting one-shot pulses. In this
instance, the content of DU1 (bit 0 at 034B16) and that of DU0 (bit 0 at 034A16) are set in the three-phase
output shift register (U phase), the content of DUB1 (bit 1 at 034B16) and that of DUB0 (bit 1 at 034A16)
___
are set in the three-phase shift register (U phase). After triangular wave modulation mode is selected,
however, no setting is made in the shift register even though the timer B2 counter’s content becomes
000016.
___
The value of DU0 and that of DUB0 are output to the U terminal (P80) and to the U terminal (P81)
respectively. When the timer A4 counter counts the value written to timer A4 (038F16, 038E16) and when
timer A4 finishes outputting one-shot pulses, the three-phase shift register’s content is shifted one posi-
___
tion, and the value of DU1 and that of DUB1 are output to the U phase output signal and to U phase output
signal respectively. At this time, one-shot pulses are output from the timer for setting dead time used for
___
setting the time over which the “L” level of the U phase waveform does not lap over the “L” level of the U
phase waveform, which has the opposite phase of the former. The U phase waveform output that started
from the “H” level keeps its level until the timer for setting dead time finishes outputting one-shot pulses
even though the three-phase output shift register’s content changes from “1” to “0” by the effect of the
one-shot pulses. When the timer for setting dead time finishes outputting one-shot pulses, "0" already
shifted in the three-phase shift register goes effective, and the U phase waveform changes to the "L"
level. When the timer B2 counter’s content becomes 000016, the timer A4 counter starts counting the
value written to timer A4-1 (034716, 034616), and starts outputting one-shot pulses. When timer A4 fin-
ishes outputting one-shot pulses, the three-phase shift register’s content is shifted one position, but if the
three-phase output shift register’s content changes from “0” to “1” as a result of the shift, the output level
changes from “L” to “H” without waiting for the timer for setting dead time to finish outputting one-shot
pulses. A U phase waveform is generated by these workings repeatedly. With the exception that the
three-phase output shift register on the U phase side is used, the workings in generating a U phase
waveform, which has the opposite phase of the U phase waveform, are the same as in generating a U



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com