công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

M30622ECTFP bảng dữ liệu(PDF) 103 Page - Mitsubishi Electric Semiconductor

tên linh kiện M30622ECTFP
Giải thích chi tiết về linh kiện  SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
PDF  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MITSUBISHI [Mitsubishi Electric Semiconductor]
Trang chủ  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M30622ECTFP bảng dữ liệu(HTML) 103 Page - Mitsubishi Electric Semiconductor

Back Button M30622ECTFP Datasheet HTML 99Page - Mitsubishi Electric Semiconductor M30622ECTFP Datasheet HTML 100Page - Mitsubishi Electric Semiconductor M30622ECTFP Datasheet HTML 101Page - Mitsubishi Electric Semiconductor M30622ECTFP Datasheet HTML 102Page - Mitsubishi Electric Semiconductor M30622ECTFP Datasheet HTML 103Page - Mitsubishi Electric Semiconductor M30622ECTFP Datasheet HTML 104Page - Mitsubishi Electric Semiconductor M30622ECTFP Datasheet HTML 105Page - Mitsubishi Electric Semiconductor M30622ECTFP Datasheet HTML 106Page - Mitsubishi Electric Semiconductor M30622ECTFP Datasheet HTML 107Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 103 / 184 page
background image
103
Tentative Specifications REV.A
Mitsubishi microcomputers
M16C / 62T Group
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
Specifications in this manual are tentative and subject to change.
Under
development
Timers’ functions for three-phase motor control
Bit name
Timer Ai mode register
Symbol
Address
When reset
TA1MR
039716
0016
TA2MR
039816
0016
TA3MR
039A16
0016
Function
Bit symbol
b7
b6
b5
b4
b3
b2 b1
b0
Operation mode
select bit
1 0 : One-shot timer mode
b1 b0
TMOD1
TMOD0
MR0
Pulse output function
select bit
0 (Must always be “0” in three-phase PWM
output mode)
MR2
MR1
MR3
0 (Must always be “0” in one-shot timer mode)
0 0 : f1
0 1 : f8
1 0 : f32
1 1 : fC32
b7 b6
TCK1
TCK0
Count source select bit
10
0
1 : Selected by event/trigger select
register
Trigger select bit
External trigger select
bit
W
R
Timer B2 mode register
Symbol
Address
When reset
TB2MR
039D16
00XX00002
Bit name
Function
Bit symbol
W
R
b7
b6
b5 b4
b3
b2
b1
b0
Operation mode select bit
0 0 : Timer mode
b1 b0
TMOD1
TMOD0
MR0
Invalid in timer mode
Can be “0” or “1”
MR2
MR1
MR3
0 0 : f1
0 1 : f8
1 0 : f32
1 1 : fC32
TCK1
TCK0
Count source select bit
0
Invalid in timer mode.
This bit can neither be set nor reset. When read in timer mode,
its content is indeterminate.
0
0 (Fixed to “0” in timer mode ; i = 0)
b7 b6
1
0
Invalid in three-phase PWM output mode
Can be “0” or “1”
Figure 1.18.4. Timer mode registers in three-phase waveform mode
Three-phase motor driving waveform output mode (three-phase waveform mode)
Setting “1” in the mode select bit (bit 2 at 034816) shown in Figure 1.18.1 - causes three-phase waveform
mode that uses four timers A1, A2, A4, and B2 to be selected. As shown in Figure 1.18.4, set timers A1,
A2, and A4 in one-shot timer mode, set the trigger in timer B2, and set timer B2 in timer mode using the
respective timer mode registers.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com