công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

M30622ECTFP bảng dữ liệu(PDF) 102 Page - Mitsubishi Electric Semiconductor

tên linh kiện M30622ECTFP
Giải thích chi tiết về linh kiện  SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
PDF  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MITSUBISHI [Mitsubishi Electric Semiconductor]
Trang chủ  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M30622ECTFP bảng dữ liệu(HTML) 102 Page - Mitsubishi Electric Semiconductor

Back Button M30622ECTFP Datasheet HTML 98Page - Mitsubishi Electric Semiconductor M30622ECTFP Datasheet HTML 99Page - Mitsubishi Electric Semiconductor M30622ECTFP Datasheet HTML 100Page - Mitsubishi Electric Semiconductor M30622ECTFP Datasheet HTML 101Page - Mitsubishi Electric Semiconductor M30622ECTFP Datasheet HTML 102Page - Mitsubishi Electric Semiconductor M30622ECTFP Datasheet HTML 103Page - Mitsubishi Electric Semiconductor M30622ECTFP Datasheet HTML 104Page - Mitsubishi Electric Semiconductor M30622ECTFP Datasheet HTML 105Page - Mitsubishi Electric Semiconductor M30622ECTFP Datasheet HTML 106Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 102 / 184 page
background image
102
Tentative Specifications REV.A
Mitsubishi microcomputers
M16C / 62T Group
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
Specifications in this manual are tentative and subject to change.
Under
development
Timers’ functions for three-phase motor control
Figure 1.18.3. Registers related to timers for three-phase motor control
Symbol
Address
When reset
TA11
034316,034216
Indeterminate
TA21
034516,034416
Indeterminate
TA41
034716,034616
Indeterminate
b7
b0 b7
b0
(b15)
(b8)
W
R
Counts an internal count source
000016 to FFFF16
Function
Values that can be set
Timer Ai-1 register (Note)
Note: Read and write data in 16-bit units.
Symbol
Address
When reset
TA1
038916,038816
Indeterminate
TA2
038B16,038A16
Indeterminate
TA4
038F16,038E16
Indeterminate
TB2
039516,039416
Indeterminate
b7
b0
b7
b0
(b15)
(b8)
W
R
• Timer mode
000016 to FFFF16
Counts an internal count source
Function
Values that can be set
• One-shot timer mode
000016 to FFFF16
Counts a one shot width
Note: Read and write data in 16-bit units.
Timer Ai register (Note)
TA1TGL
Symbol
Address
When reset
TRGSR
038316
0016
Timer A1 event/trigger
select bit
0 0 : Input on TA1IN is selected (Note)
0 1 : TB2 overflow is selected
1 0 : TA0 overflow is selected
1 1 : TA2 overflow is selected
Trigger select register
Bit name
Function
Bit symbol
b0
0 0 : Input on TA2IN is selected (Note)
0 1 : TB2 overflow is selected
1 0 : TA1 overflow is selected
1 1 : TA3 overflow is selected
0 0 : Input on TA3IN is selected (Note)
0 1 : TB2 overflow is selected
1 0 : TA2 overflow is selected
1 1 : TA4 overflow is selected
0 0 : Input on TA4IN is selected (Note)
0 1 : TB2 overflow is selected
1 0 : TA3 overflow is selected
1 1 : TA0 overflow is selected
Timer A2 event/trigger
select bit
Timer A3 event/trigger
select bit
Timer A4 event/trigger
select bit
W
R
TA1TGH
TA2TGL
TA2TGH
TA3TGL
TA3TGH
TA4TGL
TA4TGH
b1 b0
b3 b2
b5 b4
b7 b6
Note: Set the corresponding port direction register to “0”.
b7
b6
b5
b4 b3
b2
b1
Symbol
Address
When reset
TABSR
038016
0016
Count start flag
Bit name
Function
Bit symbol
W
R
b7 b6
b5
b4
b3
b2
b1 b0
Timer B2 count start flag
Timer B1 count start flag
Timer B0 count start flag
Timer A4 count start flag
Timer A3 count start flag
Timer A2 count start flag
Timer A1 count start flag
Timer A0 count start flag
0 : Stops counting
1 : Starts counting
TB2S
TB1S
TB0S
TA4S
TA3S
TA2S
TA1S
TA0S



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com