công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AN4570 bảng dữ liệu(PDF) 34 Page - STMicroelectronics

tên linh kiện AN4570
Giải thích chi tiết về linh kiện  This application note describes how to use the high-density
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4570 bảng dữ liệu(HTML) 34 Page - STMicroelectronics

Back Button AN4570 Datasheet HTML 30Page - STMicroelectronics AN4570 Datasheet HTML 31Page - STMicroelectronics AN4570 Datasheet HTML 32Page - STMicroelectronics AN4570 Datasheet HTML 33Page - STMicroelectronics AN4570 Datasheet HTML 34Page - STMicroelectronics AN4570 Datasheet HTML 35Page - STMicroelectronics AN4570 Datasheet HTML 36Page - STMicroelectronics AN4570 Datasheet HTML 37Page - STMicroelectronics AN4570 Datasheet HTML 38Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 46 page
background image
Interfacing with an 8-bit NAND Flash memory
AN4570
34/46
DocID026804 Rev 1
Based on the NAND Flash memory access timings shown in Figure 10, the following
equations are found:
•
The write or read access time is the time between the falling edge and the rising edge
of the NAND Flash memory Chip Select signal. It is computed as a function of the FMC
timing parameter:
((SET + 1) + (WAIT + 1) + (HOLD + 1)) × tHCLK
≥ Write/Read access
•
The Wait time is measured between the falling edge and the rising edge of the
Write/Read Enable signal:
Write/Read Enable signal low to high = (WAIT + 1) × tHCLK
•
For write access, the HIZ parameter is the time measured between the falling edge of
the Chip Select signal and the data setup on bus:
(HIZ+1) x tHCLK
≥ Chip Select setup time to Data setup.
•
The HOLD timing is given in the NAND datasheet as follows:
(HOLD +1) x tHCLK = Write Enable High to Chip Enable / Address/Command Latch
High
To make sure of the correct timing configuration of the FMC, the timings have to take into
consideration:
•
The maximum read/write access time
•
The different internal FMC delays
•
The different internal memory delays
Hence, we have the following equations following the NAND512W3A NAND datasheet:
•
(SET + 1) x tHCLK
≥ max (tCS, tCLS, tALS, tCLR, tAR) - tWP
•
(WAIT + 1) x tHCLK
≥ max (tWP, tRP)
•
(HIZ + 1) x tHCLK
≥ max (tCS, tALS, tCLS) + (tWP - tDS)
•
(HOLD + 1) x tHCLK
≥ max (tCH, tCLH, tALH)
•
((WAIT + 1) + (HOLD + 1) + (SET + 1)) x tHCLK
≥ max (tWC/RC)
Considering the different timings in the FMC and the memory, the equations become:
•
WAIT must verify:
(WAIT + 1)× tHCLK
≥ (tREA + tsu(D-NOE))
WAIT
≥ (tREA + tsu(D-NOE)) /tHCLK - 1
Note:
tsu(D-NOE) is specified in the STM32F30xxD/E datasheets.
tsu(D-NOE) = 25 ns
Table 8 gives the meanings and values of the NAND512W3A2C memory parameters.
Table 8. NAND512W3A2C Flash memory timings
Symbol
Parameter
Value
Unit
tCEA
Chip Enable low to output valid
35
ns
tWP
Write Enable low to Write Enable high
15
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com