| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AN4570 bảng dữ liệu(PDF) 29 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
AN4570 bảng dữ liệu(HTML) 29 Page - STMicroelectronics |
|
29 / 46 page ![]() DocID026804 Rev 1 29/46 AN4570 Interfacing with a non-multiplexed, asynchronous 16-bit SRAM 45 /* GPIOG configuration */ GPIO_Init_Structure.Pin = GPIO_PIN_0 | GPIO_PIN_1 | GPIO_PIN_2 | GPIO_PIN_3 | GPIO_PIN_4 | GPIO_PIN_5; HAL_GPIO_Init(GPIOG, &GPIO_Init_Structure); /* GPIOD configuration */ GPIO_Init_Structure.Pin = GPIO_PIN_11 | GPIO_PIN_12 | GPIO_PIN_13; HAL_GPIO_Init(GPIOD, &GPIO_Init_Structure); /*## NOE and NWE configuration #######*/ GPIO_Init_Structure.Pin = GPIO_PIN_4 |GPIO_PIN_5; HAL_GPIO_Init(GPIOD, &GPIO_Init_Structure); /*## NE3 configuration #######*/ GPIO_Init_Structure.Pin = GPIO_PIN_10; HAL_GPIO_Init(GPIOG, &GPIO_Init_Structure); /*## NBL0, NBL1 configuration #######*/ GPIO_Init_Structure.Pin = GPIO_PIN_0 | GPIO_PIN_1; HAL_GPIO_Init(GPIOE, &GPIO_Init_Structure); /* Configure common DMA parameters */ dmaHandle.Init.Direction = DMA_MEMORY_TO_MEMORY; dmaHandle.Init.PeriphInc = DMA_PINC_ENABLE; dmaHandle.Init.MemInc = DMA_MINC_ENABLE; dmaHandle.Init.PeriphDataAlignment = DMA_PDATAALIGN_HALFWORD; dmaHandle.Init.MemDataAlignment = DMA_MDATAALIGN_HALFWORD; dmaHandle.Init.Mode = DMA_NORMAL; dmaHandle.Init.Priority = DMA_PRIORITY_HIGH; dmaHandle.Instance = SRAM_DMAx_STREAM; /* Associate the DMA handle */ __HAL_LINKDMA(hsram, hdma, dmaHandle); /* Deinitialize the Stream for new transfer */ HAL_DMA_DeInit(&dmaHandle); /* Configure the DMA Stream */ HAL_DMA_Init(&dmaHandle); /* NVIC configuration for DMA transfer complete interrupt */ HAL_NVIC_SetPriority(SRAM_DMAx_IRQn, 5, 0); HAL_NVIC_EnableIRQ(SRAM_DMAx_IRQn); } |